Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CEST2-R504

  • AI
    Based on electronic component naming conventions and industry standards, the **CEST2-R504** refers to a specific type of **Trimming Potentiometer** (Trimpot). This part is commonly used for fine-tuning resistance values within a circuit. --- ### 1. Component Overview The part number can be broken down into its technical specifications: | Segment | Meaning | Description | | :--- | :--- | :--- | | **CE** | Series/Brand | Often associated with "Carbon" or specific manufacturer series (like Copal or Bourns clones). | | **ST2** | Mounting Style | Usually indicates a **Single-Turn** SMD (Surface Mount) or specific Pin Layout. | | **R** | Resistance | Standard indicator for Ohms. | | **504** | Value Code | **50** followed by **4** zeros. $500,000\,\Omega$ or **$500\text{ k}\Omega$**. | --- ### 2. Technical Specifications This component is an adjustable resistor used to calibrate devices during manufacturing. * **Resistance Value:** $500\text{ k}\Omega \pm 10\%$ to $25\%$ (Tolerance varies by manufacturer). * **Power Rating:** Typically **0.25W** (1/4 Watt) at $70^\circ\text{C}$. * **Rotation Angle:** Mechanical rotation is usually around $210^\circ$ to $270^\circ$. * **Material:** Cermet (Ceramic/Metal composite) or Carbon Film. Cermet is preferred for better stability. --- ### 3. Pin Configuration and Internal Logic The CEST2 series typically uses a 3-pin layout: ```text (1) --- [ FIXED RESISTOR ] --- (3) | ( 2 ) <-- Wiper (Adjustable) ``` 1. **Pin 1 & 3:** Connected to the ends of the resistive element. The resistance between these two pins is always $500\text{ k}\Omega$. 2. **Pin 2 (Wiper):** The moving part. As you turn the screw, the resistance between Pin 1 and Pin 2 changes, allowing for precise voltage division. --- ### 4. Common Applications * **Voltage Calibration:** Adjusting the output voltage of a power supply module. * **Sensor Tuning:** Setting the threshold for light, heat, or sound sensors. * **Gain Control:** Adjusting the amplification level in an audio or signal circuit. * **LCD Contrast:** Fine-tuning the visibility of characters on an LCD screen. --- ### 5. Equivalent Parts If you cannot find the exact "CEST" brand, the following series are generally compatible based on the $500\text{ k}\Omega$ specification: * **Bourns:** 3314G or 3362 series. * **Vishay:** ST4 series. * **Murata:** PV36/PV37 series.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the output voltage if I use this as a voltage divider?
    • ⤷ What is the difference between a 'Linear' and 'Logarithmic' taper in these components?
    • ⤷ What are the soldering precautions for SMD trimming potentiometers?