Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CF322522-R39M

  • AI
    The **CF322522-R39M** is a high-frequency chip inductor designed for surface-mount technology (SMT). It belongs to a category of passive components used primarily for filtering, decoupling, and impedance matching in high-frequency circuits. --- ### 1. Technical Specifications The part number follows a standardized nomenclature. Below is a breakdown of its key electrical and physical attributes: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.39 µH | The "R39" indicates the value (0.39 microhenries). | | **Tolerance** | ±20% | Indicated by the "M" suffix. | | **Case Size (Imperial)** | 1210 | Dimensions of 3.2mm x 2.5mm x 2.2mm. | | **Case Size (Metric)** | 3225 | Named after its dimensions in millimeters. | | **SRF (Self-Resonant Frequency)** | ~450 MHz | The point where the component stops acting as an inductor. | | **Rated Current (max)** | ~450 mA | The maximum DC current the inductor can handle. | | **DC Resistance (DCR)** | ~0.45 Ω | The internal resistance of the wire winding. | --- ### 2. Component Structure The "CF" series typically utilizes a **wire-wound** construction on a ceramic or ferrite core. * **Winding:** Fine copper wire is wrapped around a core to provide stable inductance. * **Encapsulation:** Usually molded in a heat-resistant resin to protect against environmental factors and facilitate pick-and-place assembly. * **Terminations:** Solder-plated electrodes (usually Tin over Nickel) for robust SMT soldering. --- ### 3. Key Applications Because of its small footprint and frequency response, it is commonly found in: 1. **Telecommunications:** Base stations and portable radio equipment. 2. **RF Circuits:** Impedance matching and filtering in high-frequency signal paths. 3. **Consumer Electronics:** Power management modules for tablets, smartphones, and laptops. 4. **Signal Conditioning:** Reducing EMI (Electromagnetic Interference) in high-speed data lines. --- ### 4. Advantages & Limitations * **Advantages:** * Excellent Q-factor (Quality factor) at high frequencies. * Very small footprint (1210 size) for dense PCB layouts. * High heat resistance for reflow soldering. * **Limitations:** * Relatively high DCR compared to power inductors, making it unsuitable for high-current power stages. * Inductance value can shift if subjected to physical stress or magnetic saturation. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the CF322522 series?
    • ⤷ How does the Q-factor of this inductor affect signal integrity?
    • ⤷ What is the difference between a wire-wound and a multilayer chip inductor?