Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CF453232-R27M

  • AI
    The **CF453232-R27M** is a surface-mount (SMD) wire-wound chip inductor. It is designed for high-frequency applications, signal processing, and power decoupling. --- ### 1. Part Number Breakdown The alphanumeric code follows a standard naming convention used by manufacturers like **Bourns** or **TDK**: | Component Segment | Meaning | Details | | :--- | :--- | :--- | | **CF** | Series Prefix | Chip Fixed Inductor (Wire-wound) | | **4532** | Case Size (Metric) | 4.5mm x 3.2mm (EIA 1812 equivalent) | | **32** | Height | Approximately 3.2mm profile | | **R27** | Inductance Value | 0.27 µH (R denotes the decimal point) | | **M** | Tolerance | ±20% | --- ### 2. Technical Specifications Below are the typical electrical characteristics for this specific component: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.27 µH | | **Tolerance** | ±20% | | **Quality Factor (Q min)** | 30 (at 25.2 MHz) | | **Self-Resonant Frequency (SRF)** | ~425 MHz | | **DC Resistance (DCR Max)** | 0.15 Ω | | **Rated Current (Idc)** | ~450 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Physical Construction * **Core Material:** Usually Ferrite or Ceramic. For a 0.27 µH value, a ferrite core is common to maintain high Q factors. * **Termination:** Tin-plated copper electrodes for lead-free soldering. * **Form Factor:** 1812 (Imperial) / 4532 (Metric). This is a relatively large SMD footprint, providing better heat dissipation and higher current handling than 0603 or 0805 sizes. --- ### 4. Common Applications Due to its low inductance and relatively high SRF, this part is used in: 1. **RF Circuits:** Impedance matching and resonance. 2. **Power Supplies:** High-frequency noise filtering (EMI/RFI suppression). 3. **Telecommunications:** Signal line filtering in modems and routers. 4. **Automotive:** Found in infotainment and electronic control units (ECUs). ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the CF453232-R27M?
    • ⤷ How does the SRF (Self-Resonant Frequency) affect its performance in RF circuits?
    • ⤷ What is the difference between a ferrite core and a ceramic core for this inductor size?