Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CFA633-RDI-KS

  • AI
    The **CFA633-RDI-KS** is a 16x2 character Intelligent LCD module manufactured by Crystalfontz. This specific model is designed for high-reliability data input and display, featuring an integrated 32-key keypad interface. --- ## 1. Core Technical Specifications The electronics are built around a combination of an LCD controller and a specialized onboard microcontroller that handles high-level serial communication. | Feature | Specification | | :--- | :--- | | **Display Type** | 16 Characters x 2 Lines (STN Blue, Negative) | | **Backlight** | Edge-lit White LED | | **Interface** | RS-232 Serial (Full Swing) | | **Input Voltage** | +5V DC (Logic and Backlight) | | **Current Draw** | ~15mA (min) to ~110mA (max backlight) | | **Operating Temp** | -20°C to +70°C | --- ## 2. Key Electronic Components ### A. The Microcontroller Interface Unlike standard "dumb" LCDs (which use 4-bit/8-bit parallel data), the CFA633 contains an onboard microprocessor. - **Command Processing:** It translates high-level serial commands into the timing signals required by the LCD driver. - **EEPROM:** It has non-volatile memory to store "Boot Screens" and default configuration settings (like contrast and brightness). ### B. Serial Communication (RS-232) The "RDI" designation indicates an **RS-232** interface. - It uses a level-shifter circuit to handle standard PC serial voltages (+/- 12V), making it directly compatible with COM ports. - It supports hardware flow control (RTS/CTS) to prevent data buffer overflows during high-speed updates. ### C. Keypad Scanning Circuitry The "KS" in the model name stands for **Keypad Support**. - **Scan Matrix:** The board has a connector for a 32-key (4x8) matrix. - **Interrupt driven:** The electronics monitor for key presses and immediately send a "Key Activity" packet back to the host computer via the serial line, reducing CPU overhead on the host. ### D. Integrated Temperature Header The PCB includes a header for **Dallas Semiconductor DS18B20** One-Wire temperature sensors. The onboard electronics can poll up to 32 sensors and report the data back through the serial interface. --- ## 3. Connector Pinout (Serial/Power) The module typically uses a 4-pin or 10-pin header for its primary connection. | Pin | Label | Function | | :--- | :--- | :--- | | 1 | Ground | 0V System Ground | | 2 | +5V | Logic & Backlight Power | | 3 | RS232_TX | Data from LCD to Host | | 4 | RS232_RX | Data from Host to LCD | --- ## 4. Hardware Safety Features * **Reverse Polarity Protection:** Usually includes diode protection to prevent damage if the power leads are swapped. * **Adjustable Contrast:** The contrast is controlled electronically (via software commands) rather than by a physical potentiometer, allowing for automatic adjustments based on ambient temperature.
    ✨ Follow-up Questions
    • ⤷ How do I send commands to the CFA633 using Python or C++?
    • ⤷ What is the difference between the RS-232 and USB versions of this module?
    • ⤷ How do I wire a 32-key matrix to the KS header?