Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CFAG1602A-RGI-JP

  • AI
    The **CFAG1602A-RGI-JP** is a character Liquid Crystal Display (LCD) module manufactured by Crystalfontz. It is a 16x2 display (16 characters per row, 2 rows) known for its specific visual properties and industrial-standard interface. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. General Specifications | Feature | Specification | | :--- | :--- | | **Display Format** | 16 Characters x 2 Lines | | **LCD Type** | FSTN, Negative, Transmissive | | **Backlight** | Green LED | | **Controller** | Sitronix ST7066U (or equivalent) | | **Interface** | 4-bit or 8-bit Parallel | | **Driving Method** | 1/16 Duty, 1/5 Bias | --- ### 2. Electronic Hardware Components #### A. The Controller (ST7066U) The heart of the module is the **ST7066U** dot-matrix LCD controller. - It handles the character generation (CGROM) and display data RAM (DDRAM). - It is instruction-compatible with the industry-standard HD44780. - It translates data sent from a microcontroller (like Arduino or ESP32) into the specific pixel patterns seen on the screen. #### B. The LCD Glass (FSTN Negative) - **FSTN (Film-compensated Super-Twisted Nematic):** This technology provides better contrast and wider viewing angles than standard STN displays. - **Negative Mode:** The background is dark, and the characters are illuminated by the backlight. #### C. LED Backlight - The "RG" in the part number refers to the **Green** color of the backlight. - It typically requires a current-limiting resistor to prevent burnout if the driving voltage exceeds the forward voltage ($V_f$). --- ### 3. Pinout Configuration The module uses a standard 16-pin interface. | Pin | Symbol | Function | | :--- | :--- | :--- | | 1 | VSS | Ground (0V) | | 2 | VDD | Supply Voltage (+5V typically) | | 3 | VO | Contrast Adjustment (via Potentiometer) | | 4 | RS | Register Select (Command/Data) | | 5 | R/W | Read/Write Select | | 6 | E | Enable Signal | | 7-14 | DB0-DB7 | Data Bus lines | | 15 | A (LED+) | Backlight Anode (+) | | 16 | K (LED-) | Backlight Cathode (-) | --- ### 4. Electrical Characteristics To operate this part safely, the following parameters must be observed: * **Supply Voltage ($V_{DD}$):** 4.7V to 5.3V (Standard 5V operation). * **Supply Current ($I_{DD}$):** Approximately 1.2mA to 2.0mA (excluding backlight). * **Backlight Forward Voltage ($V_f$):** Typically 3.0V to 3.5V for the Green LED. * **Backlight Forward Current ($I_{f}$):** Typically 20mA to 40mA. --- ### 5. Implementation Note When connecting this to a microcontroller, you must use a **10k Ohm Potentiometer** connected to Pin 3 (VO). By varying the voltage between 0V and $V_{DD}$ on this pin, you control the "darkness" of the pixels to ensure the text is visible against the background. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between 4-bit and 8-bit parallel modes for this controller?
    • ⤷ How do I calculate the correct resistor value for the Green LED backlight?
    • ⤷ Can this module be operated at 3.3V instead of 5V?