Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CFAH1602A-RFE-JP

  • AI
    The **CFAH1602A-RFE-JP** is a character LCD (Liquid Crystal Display) module manufactured by Crystalfontz. It is a 16x2 display (16 characters across, 2 rows) known for its high contrast and integrated controller. Below is a detailed breakdown of its electronic specifications and components. --- ## 1. Core Technical Specifications This display utilizes STN (Super-Twisted Nematic) technology with a specific color profile. | Feature | Specification | | :--- | :--- | | **Display Format** | 16 Characters x 2 Lines | | **LCD Type** | FSTN, Negative, Transmissive | | **Backlight** | Red LED | | **Module Dimension** | 80.0 x 36.0 x 13.5 mm | | **Viewing Area** | 66.0 x 16.0 mm | | **Controller IC** | Sitronix ST7066U (or equivalent) | | **Interface** | 4-bit or 8-bit Parallel | --- ## 2. Key Electronic Components ### A. The Controller: ST7066U The heart of the module is the **ST7066U** controller. This chip is industry-standard and compatible with the classic HD44780. * **Character ROM:** Contains the standard ASCII character set plus Japanese Font (Katana/Kana symbols), indicated by the "-JP" suffix. * **Instruction Set:** Supports functions like "Clear Display," "Cursor Home," and "Display ON/OFF." ### B. Power and Voltage * **Logic Supply (Vdd):** Typically +5.0V (operable between 4.5V to 5.5V). * **LCD Driving Voltage (Vo):** This is the contrast adjustment pin. Usually, a 10k-20k Ohm potentiometer is connected between Vdd and Vss (Ground), with the wiper connected to the Vo pin to tune visibility. ### C. Backlight (Red LED) * **Forward Voltage ($V_f$):** Typically ~2.1V to 2.5V. * **Forward Current ($I_f$):** Requires approximately 20mA to 40mA. * **Connection:** Usually pins 15 (Anode) and 16 (Cathode). *Note: Always use a current-limiting resistor to prevent burning out the LEDs.* --- ## 3. Pinout Configuration The module uses a standard 16-pin single-row header. | Pin No. | Symbol | Description | | :--- | :--- | :--- | | 1 | Vss | Ground (0V) | | 2 | Vdd | Supply Voltage for Logic (+5V) | | 3 | Vo | Contrast Adjustment | | 4 | RS | Register Select (0=Command, 1=Data) | | 5 | R/W | Read/Write (0=Write, 1=Read) | | 6 | E | Enable Signal | | 7-14 | DB0-DB7 | Data Bus lines | | 15 | LED+ | Backlight Anode (+) | | 16 | LED- | Backlight Cathode (-) | --- ## 4. Driving the Module (Hardware Setup) To interface this with a microcontroller (like an Arduino, ESP32, or PIC): 1. **Data Interface:** You can use all 8 data pins (fastest) or only 4 pins (DB4-DB7) to save GPIO pins on your MCU. 2. **Logic Levels:** This is a **5V logic** device. If using a 3.3V microcontroller, you may need a logic level shifter for reliable communication. 3. **Contrast Circuit:** ```text [5V] ---- [Potentiometer] ---- [GND] | [Pin 3 (Vo)] ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor value for the red LED backlight?
    • ⤷ Can I use this 5V display with a 3.3V Arduino or ESP32?
    • ⤷ What is the difference between FSTN and standard STN displays?