Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CFAH1602A-RMB-JP

  • AI
    The **CFAH1602A-RMB-JP** is a character LCD module manufactured by Crystalfontz. This specific model is a 16x2 character display featuring a blue background and white characters (negative mode), often used in industrial and hobbyist applications. --- ### Technical Specifications Summary | Feature | Specification | | :--- | :--- | | **Display Format** | 16 Characters x 2 Lines | | **Module Dimensions** | 80.0(W) x 36.0(H) x 13.5(D) mm | | **Viewing Area** | 66.0(W) x 16.0(H) mm | | **Controller Type** | Sitronix ST7066U (or equivalent) | | **Interface** | 4-bit or 8-bit Parallel | | **Backlight** | White LED | | **Display Mode** | STN Negative, Blue | | **Voltage (Vdd)** | 5.0V (typically) | --- ### Electronic Components & Architecture #### 1. Integrated Circuit (The Controller) The heart of this module is the **ST7066U controller**. This IC is industry-standard and compatible with the classic Hitachi HD44780. * **Function:** It converts ASCII data sent from a microcontroller into the specific electrical pulses needed to activate pixels on the screen. * **Character Map:** The "-JP" suffix indicates a **Japanese/English font set**, allowing for standard alphanumeric characters and Katakana symbols. #### 2. Pin Configuration (Interface) The module uses a standard 16-pin interface. The pins are categorized as follows: | Pin No. | Symbol | Function | | :--- | :--- | :--- | | 1 | Vss | Ground (0V) | | 2 | Vdd | Supply Voltage (+5V) | | 3 | Vo | Contrast Adjustment (via Potentiometer) | | 4 | RS | Register Select (Command vs Data) | | 5 | R/W | Read/Write Select | | 6 | E | Enable Signal | | 7-14 | DB0-DB7 | Data Bus (DB0-DB3 unused in 4-bit mode) | | 15 | LED+ | Backlight Anode (+5V) | | 16 | LED- | Backlight Cathode (Ground) | #### 3. The Display Technology (STN Blue) * **STN (Super-Twisted Nematic):** This provides better contrast and wider viewing angles than older TN technology. * **Negative Mode:** The background remains dark (blue) while the characters are transparent, allowing the white LED backlight to shine through. #### 4. Backlight Circuitry The module includes a white LED backlight. * **Note:** It is critical to use a current-limiting resistor if one is not built into your driving circuit, though many modern modules include internal SMD resistors for 5V operation. --- ### Basic Implementation Example To interface this with an Arduino or similar MCU, you typically use the `LiquidCrystal` library. ```cpp #include // Initialize with pin numbers: RS, E, D4, D5, D6, D7 LiquidCrystal lcd(12, 11, 5, 4, 3, 2); void setup() { lcd.begin(16, 2); // Set up 16 columns and 2 rows lcd.print("Hello, World!"); } void loop() { // Cursor to column 0, line 1 lcd.setCursor(0, 1); lcd.print(millis() / 1000); } ```
    ✨ Follow-up Questions
    • ⤷What is the power consumption of the CFAH1602A-RMB-JP with the backlight on?
    • ⤷ How do I calculate the resistor value for the contrast pin (Vo)?
    • ⤷ Is this display compatible with 3.3V logic levels?