Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CFN0805-JX-R005ELF

  • AI
    ## Detailed Overview: CFN0805-JX-R005ELF The **CFN0805-JX-R005ELF** is a high-power, low-resistance surface mount (SMD) resistor manufactured by **Bourns**. It is specifically designed as a **Current Sense Resistor** (also known as a Shunt Resistor) utilizing metal foil technology to achieve very low resistance values with high stability. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Bourns | | **Series** | CFN Series (Metal Foil) | | **Resistance Value** | 0.005 $\Omega$ (5 m$\Omega$) | | **Tolerance** | $\pm 5\%$ (indicated by 'J') | | **Power Rating** | 0.5 Watt (1/2 W) | | **Package Size** | 0805 (Inch) / 2012 (Metric) | | **Temperature Coefficient** | $\pm 100$ ppm/°C | | **Operating Temp Range** | -55°C to +155°C | | **RoHS Status** | RoHS Compliant & Halogen Free (indicated by 'LF') | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the exact characteristics of the component: * **CFN**: Series name (Metal Foil Current Sense Resistor). * **0805**: Physical dimensions (0.08 x 0.05 inches). * **J**: Tolerance code ($\pm 5\%$). * **X**: Packaging code (typically refers to 7" embossed plastic tape). * **R005**: Resistance value ($0.005$ Ohms). * **E**: Termination type (Lead-free). * **LF**: RoHS Compliant. --- ### 3. Core Features and Technology * **Metal Foil Construction:** Unlike standard thick-film resistors, the CFN series uses a metal foil element. This provides superior thermal stability, lower noise, and better reliability under high-current pulses. * **Low Resistance:** At 5 milliohms, it is designed to minimize power dissipation (Voltage Drop = $I \times R$) while allowing a circuit to measure current flow through the voltage across it. * **Heat Dissipation:** The 0805 footprint is optimized to handle 0.5W, which is higher than standard 0805 resistors (which usually handle 0.125W). --- ### 4. Common Applications These parts are primarily found in power management circuits where monitoring current is critical: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in mobile devices or power tools. 2. **DC-DC Converters:** Providing feedback loops for regulated power supplies. 3. **Motor Control:** Detecting over-current conditions to protect the motor and driver. 4. **LED Drivers:** Ensuring a constant current is supplied to high-brightness LEDs. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its 0.5W power rating?
    • ⤷ How does a metal foil resistor differ in performance from a thick film resistor in current sensing?
    • ⤷ Are there versions of this part with a tighter tolerance than 5%?