Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CFWKA450KFFA-R0

  • AI
    The **CFWKA450KFFA-R0** is a specialized electronic component manufactured by **Murata Electronics**. It belongs to the family of **Ceramic Filters**, specifically designed for intermediate frequency (IF) stages in communication equipment. --- ## 1. Component Overview The CFWKA series consists of high-selectivity ceramic filters. These are used to allow specific frequencies to pass through while attenuating (blocking) unwanted signals or noise. | Attribute | Specification | | :--- | :--- | | **Manufacturer** | Murata Electronics | | **Component Type** | Ceramic Filter (Ladder Type) | | **Center Frequency** | 450 kHz | | **Package Type** | Surface Mount (SMD) | | **Application** | IF Stage in AM/FM Radios, Transceivers | --- ## 2. Technical Characteristics This part is a "Ladder Type" filter, meaning it consists of multiple ceramic elements connected in a ladder configuration to achieve a sharp "skirt" characteristic (high selectivity). ### Key Electrical Parameters * **Center Frequency ($f_o$):** 450 kHz. This is standard for narrow-band FM or high-end AM receivers. * **Bandwidth:** Typically defined at the 6dB point. For this specific "KFFA" suffix, it usually indicates a narrow bandwidth (approx. ±6.0 kHz to ±7.5 kHz). * **Insertion Loss:** The amount of signal lost when passing through the filter, usually kept under 4–6 dB. * **Input/Output Impedance:** Usually around 1.5 kΩ to 2.0 kΩ, requiring matching circuits for optimal performance. --- ## 3. Physical Construction and Pins The "K" in the part number often denotes a specific lead shape or mounting style. * **SMD Design:** The "R0" suffix indicates that the part is provided on a tape and reel for automated pick-and-place assembly. * **Materials:** Made from piezoelectric ceramics that vibrate at the specified frequency. --- ## 4. Typical Application Circuit In a superheterodyne receiver, this filter is placed between the mixer and the detector. ```mermaid graph LR A[Mixer Out] --> B[Matching Resistor] B --> C(CFWKA450) C --> D[Matching Resistor] D --> E[IF Amplifier] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 450 kHz and 455 kHz versions of this filter?
    • ⤷ How do I calculate the impedance matching for this ceramic filter?
    • ⤷ What are the common failure modes for ceramic ladder filters?