Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CI1008-R10-KB

  • AI
    ### CI1008-R10-KB Component Overview The **CI1008-R10-KB** is a high-frequency **Surface Mount (SMD) Wire-Wound Ceramic Inductor**. It is commonly used in RF (Radio Frequency) circuits due to its high Q-factor and stability at high frequencies. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 100 nH (0.10 µH) | Indicated by "R10" | | **Tolerance** | ±10% | Indicated by "K" | | **Case Size** | 1008 (2.5 x 2.0 mm) | EIA Standard package size | | **Core Material** | Ceramic | Provides high SRF and Q-factor | | **Termination** | Gold / Tin-Lead | "B" suffix often refers to bulk or specific plating | --- ### 2. Electrical Performance These inductors are designed for precision performance in communication devices. * **Self-Resonant Frequency (SRF):** Typically very high (above 1000 MHz), making it suitable for GHz-range applications. * **Quality Factor (Q):** High Q-factor ensures low energy loss in resonant circuits. * **Current Rating:** Moderate DC current capacity, suitable for signal processing rather than power conversion. * **DCR (DC Resistance):** Low resistance to minimize signal attenuation. --- ### 3. Application Areas Because of its ceramic wire-wound construction, it excels in the following areas: 1. **RF Matching Networks:** Impedance matching for antennas in smartphones and IoT devices. 2. **Filter Circuits:** Low-pass, high-pass, and band-pass filters for signal integrity. 3. **Oscillators:** Used in VCOs (Voltage Controlled Oscillators) for frequency stability. 4. **Wireless Modules:** Bluetooth, Wi-Fi, and cellular communication modules. --- ### 4. Comparison: Ceramic vs. Ferrite Core It is important to note why a ceramic core (like the CI1008-R10-KB) is chosen over ferrite: | Feature | Ceramic Core (CI Series) | Ferrite Core | | :--- | :--- | :--- | | **Frequency Range** | Very High (GHz) | Low to Medium (MHz) | | **Inductance Value** | Lower | Higher | | **Saturation** | No magnetic saturation | Subject to saturation | | **Stability** | High thermal stability | Lower thermal stability |
    ✨ Follow-up Questions
    • ⤷ What is the exact Self-Resonant Frequency (SRF) for the 100nH variant?
    • ⤷ How does the '1008' package size compare to '0603' in terms of performance?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of this inductor?