Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CJ121003JB

  • AI
    The part number **CJ121003JB** refers to a high-performance **Chip NTC (Negative Temperature Coefficient) Thermistor** manufactured by **Chenyi Electronics (CJ)**. These components are primarily used for temperature sensing, compensation, and circuit protection. ### 1. Technical Specifications The alphanumeric code provides specific details about the component's physical and electrical characteristics: | Parameter | Specification | Description | |:---|:---|:---| | **Manufacturer** | CJ (Chenyi Electronics) | Specialized in circuit protection components. | | **Type** | NTC Thermistor | Resistance decreases as temperature increases. | | **Package Size** | 1210 | Surface Mount Device (SMD) - 3.2mm x 2.5mm. | | **Resistance (R25)** | 10k $\Omega$ | Resistance measured at 25°C. | | **Tolerance** | $\pm$ 5% (J) | Accuracy level of the base resistance. | | **B-Constant** | ~3950K - 4100K | Defines the sensitivity curve of the thermistor. | --- ### 2. Internal Structure and Material The CJ121003JB is a **Multi-layer Ceramic Device**. Its construction allows for a compact footprint while maintaining high reliability: * **Body:** Semiconductor ceramic material (Transition metal oxides like Mn, Ni, Cu). * **Electrodes:** Internal silver (Ag) layers with external termination consisting of Silver, Nickel, and Tin (Sn) plating to ensure excellent solderability. --- ### 3. Key Features * **High Sensitivity:** Significant change in resistance for small temperature fluctuations. * **Excellent Solderability:** The Ni-barrier termination prevents leaching during soldering. * **Fast Response:** The 1210 SMD package has low thermal mass, allowing it to react quickly to environment changes. * **Stability:** High aging stability for long-term circuit accuracy. --- ### 4. Common Applications This specific thermistor is widely utilized in the following sectors: 1. **Rechargeable Batteries:** Monitoring cell temperature during charging/discharging in Li-ion battery packs. 2. **LCD Displays:** Temperature compensation for contrast control. 3. **Mobile Devices:** Overheating protection for CPUs and power management ICs. 4. **Automotive Electronics:** Ambient temperature sensing for infotainment and climate control systems. --- ### 5. Simple Testing Circuit To use this part, it is typically placed in a voltage divider configuration: ```cpp // VCC --- [Fixed Resistor 10k] --- V_out --- [CJ121003JB] --- GND // V_out is measured by an Analog-to-Digital Converter (ADC) ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the temperature from the resistance value of this thermistor?
    • ⤷ What are the soldering profile recommendations for the 1210 package?
    • ⤷ Can this part be used for inrush current limiting?