Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CJ181003JB

  • AI
    The part number **CJ181003JB** refers to a high-performance **N-Channel MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor), typically housed in a small surface-mount package. These components are primarily used for power management and switching applications in compact electronic devices. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics of the CJ181003JB: | Characteristic | Parameter | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 100V | | **Continuous Drain Current** | $I_D$ | 3.0A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | < 160 mΩ (@ $V_{GS}$ = 10V) | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Package Type** | SOT-23 / SOT-23-3L | Small Outline Transistor | | **Configuration** | Channel Type | N-Channel | --- ### 2. Physical Pinout Configuration The device is usually packaged in a **SOT-23**, which has three terminals: 1. **Gate (G):** Controls the "on/off" state of the MOSFET. 2. **Source (S):** Usually connected to the ground or lower potential in N-channel configurations. 3. **Drain (D):** Connected to the load being switched. --- ### 3. Functional Features * **High Switching Speed:** Designed for fast transition between states, reducing energy loss. * **Low On-Resistance:** Minimizes power dissipation as heat when the transistor is in the "on" state. * **Surface Mount Design:** Optimized for automated PCB assembly processes (SMT). * **Voltage Handling:** The 100V rating makes it suitable for industrial or automotive applications where higher voltage spikes may occur. --- ### 4. Common Applications Due to its specifications, the CJ181003JB is commonly found in: * **DC-DC Converters:** Managing power regulation in battery-operated devices. * **Load Switching:** Turning peripheral components on and off to save power. * **LED Backlighting:** Controlling brightness levels in displays. * **Motor Drivers:** Small motor control circuits in robotics or toys. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the CJ181003JB?
    • ⤷ How does the power dissipation of the SOT-23 package affect its thermal management?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller signal?