Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CLSB-R5

  • AI
    The **CLSB-R5** typically refers to a high-precision, closed-loop Hall effect current sensor. These components are essential in power electronics for monitoring and controlling electrical currents without physical contact with the primary conductor. ### 1. Technical Specifications Below are the typical electronic characteristics associated with the CLSB series (specifically the R5 variant): | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Nominal Current ($I_{pn}$)** | 50 - 100 | A | | **Measuring Range** | 0 to $\pm$ 150 | A | | **Supply Voltage ($V_c$)** | $\pm$12 to $\pm$15 | V DC | | **Secondary Current ($I_s$)** | 50 (at $I_{pn}$) | mA | | **Accuracy** | $\pm$0.5 | % | | **Response Time** | < 1 | $\mu$s | | **Bandwidth** | DC to 100 | kHz | --- ### 2. Core Electronic Components The device operates on the principle of magnetic compensation. Internally, it consists of several key electronic sections: * **Magnetic Core:** A high-permeability toroidal core that concentrates the magnetic flux generated by the primary current. * **Hall Generator:** A semiconductor sensor placed in the air gap of the core. It detects the initial magnetic field. * **Compensation Coil (Secondary Winding):** A coil wrapped around the core that generates an opposing magnetic field to "nullify" the flux. * **Electronic Amplifier:** An internal operational amplifier circuit that processes the Hall voltage and drives the secondary current through the compensation coil. --- ### 3. Connection Diagram (General) The physical interface usually consists of 4 to 5 pins. Below is a logic representation of the wiring: ```mermaid graph LR A[Primary Current] --> B(CLSB-R5 Sensor) B --> C{Electronic Board} C --> D[+15V Supply] C --> E[-15V Supply] C --> F[Output Signal/Measurement Resistor] C --> G[Ground/0V] ``` --- ### 4. Key Advantages 1. **Galvanic Isolation:** There is no electrical connection between the high-power circuit (primary) and the control circuit (secondary), ensuring safety. 2. **High Linearity:** Because it operates in "closed-loop" (null balance) mode, the output is extremely linear across the entire measuring range. 3. **Fast Response:** Capable of tracking rapid current transients, making it ideal for protecting IGBTs or MOSFETs in inverters. ### 5. Common Applications * **Variable Speed Drives:** Monitoring motor phase currents. * **Uninterruptible Power Supplies (UPS):** Managing battery charging and output loads. * **Solar Inverters:** Tracking DC input from panels and AC output to the grid. * **Welding Power Supplies:** Precision control of high-amperage output. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between open-loop and closed-loop current sensors like the CLSB-R5?
    • ⤷ How do you calculate the burden resistor for this sensor's output?
    • ⤷ What are the mounting considerations for the primary conductor in this model?