Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CM201212-R10K

  • AI
    ### Overview of CM201212-R10K The **CM201212-R10K** is a surface-mount (SMD) chip inductor typically used in high-frequency circuits. It belongs to the wire-wound or multilayer ferrite chip inductor family, designed for compact electronic assemblies. --- ### Technical Specifications The alphanumeric code "CM201212-R10K" provides specific details about its physical and electrical characteristics: | Parameter | Value / Description | |:---|:---| | **Inductance** | 0.10 µH (100 nH) | | **Tolerance** | ±10% (Indicated by the "K" suffix) | | **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Package Size (Imperial)** | 0805 (0.08" x 0.05") | | **Height** | 1.25 mm | | **Core Material** | Ferrite or Ceramic (depending on specific manufacturer) | --- ### Key Electrical Characteristics Beyond the basic inductance, these parts are defined by their performance under load: * **Self-Resonant Frequency (SRF):** Usually very high, allowing the component to maintain inductive properties into the MHz or GHz range. * **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation. * **Rated Current:** The maximum current the part can handle before the temperature rises significantly or the core saturates. --- ### Applications This specific component is commonly found in: 1. **RF Circuits:** Used for impedance matching and resonance. 2. **Filtering:** Acting as a low-pass filter to block high-frequency noise in power lines. 3. **Signal Decoupling:** Preventing high-frequency interference from affecting sensitive integrated circuits (ICs). 4. **Mobile Electronics:** Found in smartphones, tablets, and wearables due to the small 0805 footprint. --- ### Code Breakdown ```text CM 201212 - R10 K | | | | | | | +-- Tolerance (K = ±10%) | | +------ Inductance (R10 = 0.10µH) | +--------------- Dimensions (2.0 x 1.2 x 1.2 mm) +--------------------- Series Code (Chip Multilayer/Inductor) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated current for the CM201212-R10K?
    • ⤷ How does the 'K' tolerance compare to 'J' or 'M' tolerances in inductors?
    • ⤷ Can this inductor be used in power supply decoupling for high-speed processors?