Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CM201212-R10KL

  • AI
    The **CM201212-R10KL** is a specific surface-mount device (SMD) electronic component, categorized as a **Chip Inductor**. It is widely used in high-frequency circuits for signal conditioning and noise suppression. --- ### 1. Part Number Deciphering The part number follows a standardized nomenclature used by manufacturers (like Bourns or TDK) to define its physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CM** | Series Type | Chip Multi-layer Inductor (General Purpose) | | **201212** | Dimensions | Physical size: 2.0mm x 1.25mm x 1.25mm | | **R10** | Inductance Value | **0.10 µH** (R denotes decimal point) | | **K** | Tolerance | **±10%** | | **L** | Packaging/Finish | Usually denotes Lead-Free (RoHS compliant) or Tape & Reel | --- ### 2. Technical Specifications The electrical performance of this component is defined by its ability to resist changes in current and its behavior at high frequencies. * **Inductance:** 100 nH (0.10 µH). * **Case Size:** 0805 (Imperial) or 2012 (Metric). * **Self-Resonant Frequency (SRF):** Typically very high, allowing it to function effectively in the MHz to GHz range. * **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation. * **Rated Current:** The maximum continuous current the inductor can handle before reaching a specific temperature rise. --- ### 3. Key Applications Because of its small footprint and high-frequency stability, the CM201212-R10KL is commonly found in: 1. **RF Circuits:** Used in impedance matching and resonance circuits for Bluetooth, Wi-Fi, and cellular modules. 2. **Filtering:** Acting as a low-pass filter to block high-frequency noise in power supply lines. 3. **Signal Decoupling:** Preventing interference between different stages of a circuit. 4. **Consumer Electronics:** Mobile phones, tablets, and wearable devices where PCB space is limited. --- ### 4. Comparison with Wire-wound Inductors Unlike wire-wound inductors, this is a **multi-layer ceramic inductor**. | Feature | Multi-layer (CM Series) | Wire-wound | | :--- | :--- | :--- | | **Size** | Very small and compact | Larger | | **Cost** | Generally lower | Higher | | **Q-Factor** | Moderate | High | | **Current Handling** | Lower | Higher |
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated current for the CM201212-R10KL?
    • ⤷ How does the 'Q-factor' affect the performance of this inductor?
    • ⤷ What are the soldering profile requirements for 0805 SMD inductors?