Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CM201212-R15K

  • AI
    The **CM201212-R15K** is a surface-mount (SMD) multi-layer ceramic chip inductor. It is commonly used in high-frequency circuits for signal filtering and impedance matching. Below is a detailed breakdown of its electronic specifications and characteristics. --- ## 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical constraints of the component: | Segment | Meaning | Value / Description | | :--- | :--- | :--- | | **CM** | Series Type | Multi-layer Chip Inductor | | **201212** | Dimensions (LxWxH) | 2.0mm x 1.25mm x 1.25mm (Metric 2012 / EIA 0805) | | **R15** | Inductance Value | 0.15 µH (150 nH) | | **K** | Tolerance | ±10% | --- ## 2. Technical Specifications These values are typical for standard manufacturers (like Bourns or TDK) producing this part number: * **Inductance:** 0.15 µH (150 nH) * **Tolerance:** ±10% * **Quality Factor (Q):** Typically 10–30 (measured at a specific frequency, e.g., 25 MHz). * **Self-Resonant Frequency (SRF):** Minimum ~500 MHz (The frequency at which the part stops acting as an inductor). * **DC Resistance (DCR):** Low, typically around 0.40 – 0.60 Ω (Max). * **Rated Current:** ~300 mA (The maximum DC current the inductor can handle without overheating). * **Operating Temperature:** -55°C to +125°C. --- ## 3. Physical Construction The **CM201212** utilizes a multi-layer technology rather than a wire-wound design: * **Material:** Ceramic/Ferrite body with internal silver (Ag) printed electrodes. * **Terminations:** Typically Nickel (Ni) barrier with a Tin (Sn) plating to ensure good solderability and prevent silver migration. * **Packaging:** 0805 Surface Mount Device (SMD). --- ## 4. Typical Applications This specific inductor is generally found in: 1. **High-Frequency Signal Lines:** Used for noise suppression and EMI filtering. 2. **Impedance Matching:** Crucial in RF circuits (Bluetooth, Wi-Fi modules) to ensure maximum power transfer. 3. **Decoupling:** Used in power supply lines for sensitive ICs to block high-frequency noise. --- ## 5. Equivalent/Alternative Comparison If you are sourcing this part, ensure the DCR and SRF match your specific circuit requirements, as these can vary slightly between manufacturers. ```python # Example: Calculating Reactance at 50MHz import math inductance = 0.15e-6 # 150nH frequency = 50e6 # 50MHz reactance = 2 * math.pi * frequency * inductance print(f"Inductive Reactance (XL): {round(reactance, 2)} Ohms") # Output: XL ≈ 47.12 Ohms ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between multi-layer and wire-wound inductors for the 0805 footprint?
    • ⤷ How does the SRF (Self-Resonant Frequency) impact my circuit design?
    • ⤷ Can I substitute a 150nH inductor with a ±5% (J) tolerance for this ±10% (K) part?