Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CM201212-R33KL

  • AI
    The **CM201212-R33KL** is a specific type of surface-mount electronic component, specifically a **Fixed Inductor**. It is widely used in high-frequency circuits for signal processing and noise filtering. Below is a detailed breakdown of its specifications and characteristics based on the part number nomenclature. ### 1. Part Number Deciphering The part number follows a standard convention used by manufacturers like Bourns or Walsin: | Segment | Meaning | Value / Detail | | :--- | :--- | :--- | | **CM** | Series Type | Chip Multi-layer Inductor | | **201212** | Dimensions (LxWxH) | 2.0 x 1.25 x 1.25 mm (EIA 0805 Case Size) | | **R33** | Inductance Value | 0.33 µH (Microhenries) | | **K** | Tolerance | ±10% | | **L** | Termination/Packaging | Lead-free (RoHS Compliant) | --- ### 2. Technical Specifications These components are typically built using multi-layer ceramic technology to achieve high reliability in a small footprint. * **Inductance:** 330 nH (0.33 µH) * **Case Size:** 0805 (Metric 2012) * **Self-Resonant Frequency (SRF):** Typically high (approx. 250-400 MHz), making it suitable for high-frequency applications. * **DC Resistance (DCR):** Usually low to minimize power loss. * **Rated Current:** Generally in the range of 100mA to 300mA (depending on the specific manufacturer datasheet). * **Operating Temperature:** Typically -55°C to +125°C. --- ### 3. Key Applications Because of its multi-layer construction and 0.33 µH value, this inductor is commonly found in: 1. **Mobile Devices:** Used in smartphones and tablets for RF (Radio Frequency) matching circuits. 2. **EMI Suppression:** Filtering high-frequency noise in signal lines. 3. **WLAN/Bluetooth Modules:** Ensuring signal integrity in wireless communication modules. 4. **Decoupling:** Used in conjunction with capacitors to prevent noise from entering sensitive IC power pins. --- ### 4. Comparison Table: Multi-layer vs. Wire-wound The CM201212 is a **multi-layer** inductor. Here is how it compares to other types: | Feature | Multi-layer (CM201212) | Wire-wound | | :--- | :--- | :--- | | **Size** | Very Small / Low Profile | Larger | | **Q Factor** | Moderate | High | | **Current Handling** | Lower | Higher | | **Cost** | Economical | More Expensive | | **Magnetic Shielding**| Excellent (Self-shielded) | Poor (unless shielded version) | ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the CM201212-R33KL?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in an RF circuit?
    • ⤷ What is the maximum current this specific 0805 inductor can handle before saturating?