Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CM322522-R27ML

  • AI
    The **CM322522-R27ML** is a specific surface-mount (SMD) wire-wound chip inductor. It is widely used in electronic circuits for filtering, decoupling, and energy storage in small-form-factor devices. --- ### 1. Part Number Deciphering To understand the electronic properties, we can break down the Bourns-standard nomenclature: | Component Code | Meaning | Description | | :--- | :--- | :--- | | **CM** | Series Type | Chip Inductor (Wire-wound) | | **322522** | Dimensions | 3.2mm x 2.5mm x 2.2mm (approx. 1210 imperial size) | | **R27** | Inductance Value | **0.27 µH** (microhenries) | | **M** | Tolerance | **±20%** | | **L** | Lead-Free | RoHS compliant finish | --- ### 2. Key Electrical Specifications The performance of the CM322522-R27ML is defined by its ability to handle current and maintain signal integrity. * **Inductance:** 0.27 µH. * **Quality Factor (Q):** Typically around 30 (at 25.2 MHz). High Q indicates low energy loss. * **Self-Resonant Frequency (SRF):** Usually >400 MHz. Above this frequency, the part acts like a capacitor rather than an inductor. * **DC Resistance (DCR):** Low resistance (approx. 0.25 to 0.45 Ohms) to minimize heat dissipation. * **Rated Current (Idc):** Usually rated between 450mA and 550mA. --- ### 3. Construction and Material Unlike multilayer inductors, the **CM322522** is a **wire-wound** inductor. * **Core Material:** Ferrite or Alumina (ceramic). * **Winding:** Copper wire wound around the core and encapsulated in a resin mold. * **Terminations:** Tin-plated electrodes for reflow soldering. * **Durability:** The molded construction provides high resistance to mechanical shock and pressure. --- ### 4. Common Applications Due to its 0.27 µH value and 1210 package size, it is commonly found in: 1. **RF Circuits:** Matching networks and high-frequency signal processing. 2. **Power Management:** DC-DC converter output filtering in mobile phones and tablets. 3. **EMI Suppression:** Reducing electromagnetic interference in high-speed data lines. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound and a multilayer inductor?
    • ⤷ How does the SRF impact the performance of this inductor?
    • ⤷ What are the alternative components with similar specs?