Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CMK-R03

  • AI
    The **CMK-R03** is a specific electronic component, primarily known as a **Thick Film Chip Resistor** designed for **current sensing** applications. It is manufactured by companies like **KOA Speer** or **Cyntec** (depending on the specific series prefix) and is characterized by its low resistance value and high precision. --- ### 1. Key Technical Specifications Below are the typical specifications for the CMK-R03 series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Current Sensing Chip Resistor | | **Resistance Value** | 0.03 $\Omega$ (30 m$\Omega$) | | **Tolerance** | ±1%, ±5% (Typical) | | **Power Rating** | 0.25W to 1W (Size dependent) | | **Temperature Coefficient** | ±100 ppm/°C to ±400 ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **Package / Case** | Surface Mount (SMD) - common sizes 0603, 0805, 1206 | --- ### 2. Internal Composition The "R03" designation specifically refers to the resistance value ($0.03$ ohms). Internally, these parts consist of: 1. **Substrate:** Usually a high-grade Alumina ($Al_2O_3$) ceramic base for thermal stability. 2. **Resistive Element:** A "Thick Film" metal glaze or metal plate alloy screen-printed onto the substrate. 3. **Protective Coating:** An epoxy or glass overcoat to protect against moisture and mechanical damage. 4. **Terminations:** Solderable end-caps (usually Tin over Nickel/Copper) for PCB mounting. --- ### 3. Applications and Functions Because the resistance value is extremely low (30m$\Omega$), this part is not used for standard voltage dropping. Instead, it serves specific roles: * **Current Monitoring:** Placed in series with a load. By measuring the voltage drop across the $0.03 \Omega$ resistor ($V = I \times R$), the system microcontroller can calculate the exact current flowing through the circuit. * **Overcurrent Protection:** Used in power supply circuits to trigger a shutdown if the current exceeds a safe threshold. * **Battery Management:** Found in laptop or smartphone battery circuits to monitor charging and discharging rates. * **DC-DC Converters:** Acts as a feedback element for voltage regulation. --- ### 4. Part Number Breakdown (Typical) While manufacturers vary slightly, the code usually breaks down as follows: `CMK` - **Series Name** (Current Mode/Chip Metal) `R03` - **Resistance Code** (R acts as the decimal point: $0.03 \Omega$)
    ✨ Follow-up Questions
    • ⤷ What is the difference between thick film and thin film resistors for current sensing?
    • ⤷ How do I calculate the power dissipation for a 30m\u03a9 resistor in a 5A circuit?
    • ⤷ What are the common SMD package sizes for the CMK-R03?