Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CMP-R050-1.0

  • AI
    The **CMP-R050-1.0** is an electronic component primarily classified as a **Current Sense Resistor** (Shunt Resistor). It is designed to measure the flow of current in a circuit by providing a small, precise resistance value and measuring the voltage drop across it. --- ### 1. Key Technical Specifications Based on the part numbering nomenclature typically used for this series, here are the technical attributes: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.050 $\Omega$ (50 m$\Omega$) | The "R050" indicates the ohmic value. | | **Tolerance** | ±1.0% | The "1.0" suffix represents the precision. | | **Type** | Metal Strip / Alloy | Constructed using a robust metal element for high stability. | | **Application** | Current Sensing | Used to convert current to a measurable voltage ($V = I \times R$). | | **Mounting Type** | SMD (Surface Mount) | Usually found in chip form factors (e.g., 1206, 2512). | --- ### 2. Physical Construction The "CMP" series usually features a **Metal Plate** construction rather than a thick-film or thin-film ceramic base. * **Metal Alloy Element:** Provides a low Temperature Coefficient of Resistance (TCR), meaning the resistance doesn't change significantly as the part heats up. * **Heat Dissipation:** These parts are engineered to handle higher power loads (Watts) compared to standard resistors. * **Flammability:** Often flame-retardant and built to withstand harsh automotive or industrial environments. --- ### 3. Functional Working Principle When integrated into a circuit, the CMP-R050-1.0 acts as a "Shunt": 1. **Current Flow:** The load current passes through the 50 m$\Omega$ resistor. 2. **Voltage Drop:** A very small voltage is generated across the terminals ($V_{drop} = I_{load} \times 0.050$). 3. **Feedback:** This voltage is sent to an Op-Amp or a Power Management IC (PMIC) to monitor battery levels, detect overcurrent, or manage motor speed. --- ### 4. Common Applications * **Battery Management Systems (BMS):** Tracking charge and discharge cycles in Li-ion batteries. * **DC-DC Converters:** Providing feedback loops for voltage regulation. * **Motor Controllers:** Sensing phase current to prevent motor burnout. * **Power Supplies:** Implementing "Short Circuit Protection." ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating (Wattage) for this specific resistor size?
    • ⤷ How do I calculate the voltage drop if 5 Amps of current pass through this part?
    • ⤷ What are the common SMD package sizes for the CMP series?