Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CMP6

  • AI
    The **CMP6** (specifically the **CM-P6**) is a high-precision pyranometer used for measuring solar irradiance. It is an electronic sensor designed for routine monitoring in meteorological stations and solar energy applications. --- ## 1. Internal Electronic Structure The CMP6 operates as a passive electronic component, meaning it does not require an external power source to generate a measurement signal. | Component | Description | Function | | :--- | :--- | :--- | | **Thermopile** | A series of thermocouples (64 junctions). | Converts thermal energy into a DC voltage. | | **Black Coating** | High-absorption carbon-based layer. | Absorbs solar radiation to create a temperature gradient. | | **Passive Circuit** | Resistor network inside the housing. | Provides temperature compensation and standardized output. | | **Shielding** | Internal metallic Faraday cage. | Protects the signal from Electromagnetic Interference (EMI). | --- ## 2. Operating Principle The electronic operation follows a specific physical-to-electrical conversion process: 1. **Thermal Absorption:** Solar radiation hits the black sensor surface. 2. **Seebeck Effect:** The temperature difference between the "hot" junctions (under the black paint) and the "cold" junctions (the sensor body) generates a low-level DC voltage. 3. **Linear Output:** The generated voltage is directly proportional to the incident solar radiation (measured in $W/m^2$). --- ## 3. Technical Specifications The following table highlights the electrical characteristics of the CMP6: | Specification | Value/Detail | | :--- | :--- | | **Sensitivity** | 5 to 20 $\mu V/W/m^2$ | | **Impedance** | 20 to 200 $\Omega$ | | **Response Time** | < 6 seconds (95% response) | | **Non-linearity** | < 1% (up to 1000 $W/m^2$) | | **Output Range** | 0 to 20 mV (typical) | --- ## 4. Integration and Wiring Because the output is a very low-level analog signal (millivolts), the CMP6 is typically connected to a **Data Logger** or a **Signal Amplifier**. ```python # Conceptual logic for calculating Irradiance (W/m^2) # Formula: Irradiance = (Output_Voltage - Offset) / Sensitivity measured_voltage = 0.0125 # Volts (12.5 mV) sensitivity = 0.000015 # 15 microvolts per W/m^2 irradiance = measured_voltage / sensitivity print(f"Solar Irradiance: {irradiance} W/m^2") ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the CMP6 handle temperature compensation electronically?
    • ⤷ What is the difference between the CMP6 and the digital SMP6 version?
    • ⤷ What type of data loggers are compatible with the CMP6's millivolt output?