CMS1-1-R
AI

The **CMS1-1-R** is a specific electronic component belonging to the **Common Mode Choke** family, manufactured by Eaton (formerly Coiltronics/Bussmann). It is primarily used for EMI (Electromagnetic Interference) filtering in power and signal lines.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the CMS1-1-R:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 212 µH (Typical) |
| **Current Rating (Irms)** | 1.1 Amps |
| **DCR (Direct Current Resistance)** | 0.160 Ohms (Max) |
| **Mounting Type** | Surface Mount (SMD) |
| **Package / Case** | CMS Series (Size 1) |
| **Operating Temperature** | -40°C to +125°C |
| **Termination Style** | Gullwing (Lead-free, RoHS compliant) |
---
### 2. Functional Overview
Common mode chokes like the CMS1-1-R are used to suppress high-frequency noise that is common to two or more data or power lines.
* **Common Mode Filtering:** It allows the desired "differential" signal to pass through while providing high impedance to "common-mode" noise (noise traveling in the same direction on both lines).
* **Magnetic Core:** Utilizes a ferrite core material characterized by high permeability, which is effective at attenuating noise in the MHz range.
* **Winding Configuration:** It consists of two identical coils wound on a single core. The "1-1" in the part number often refers to the 1:1 turns ratio.
---
### 3. Common Applications
The CMS1-1-R is typically found in the following electronic circuits:
1. **Switch Mode Power Supplies (SMPS):** To filter out switching noise before it exits the device or enters the power grid.
2. **DC-DC Converters:** Reducing ripple and noise on input/output lines.
3. **Data Lines:** Protecting sensitive communication interfaces (like USB or CAN bus) from EMI.
4. **Industrial Electronics:** Providing noise immunity in harsh electrical environments.
---
### 4. PCB Footprint & Mechanicals
The "R" suffix indicates that the part is **RoHS compliant**. The physical dimensions are compact, making it suitable for high-density PCB layouts.
```text
CMS1 Series Approximate Dimensions:
Length: 9.4 mm
Width: 7.0 mm
Height: 4.8 mm
```
---
- ⤷
What is the difference between common mode and differential mode noise?
- ⤷ Can the CMS1-1-R be used in AC mains voltage applications?
- ⤷ What are the recommended soldering profiles for this SMD component?