Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CMS2-7-R

  • AI
    The **CMS2-7-R** is a specific electronic component belonging to the **Common Mode Choke** family, manufactured by Eaton (formerly Coiltronics/Bussmann). It is primarily used for EMI (Electromagnetic Interference) filtering and noise suppression in power electronics. --- ### 1. Technical Specifications The "CMS" series represents Common Mode Sensors/Chokes. Here are the primary specifications for the **CMS2-7-R**: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 208 µH (Typical) | | **Current Rating** | ~1.4 Amps (Continuous) | | **DCR (Direct Current Resistance)** | 0.101 Ohms (Max) | | **Mounting Type** | Surface Mount (SMD) | | **Core Material** | Ferrite | | **Operating Temperature** | -40°C to +125°C | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Physical Characteristics The component is designed for automated assembly and high reliability in compact spaces. * **Package Size:** CMS2 indicates a specific physical footprint (approximately 11.4mm x 8.9mm). * **Configuration:** Dual winding construction. It consists of two coils wound on a single core. * **Suffix "-R":** This indicates the part is lead-free and compliant with RoHS standards. --- ### 3. Key Functions & Applications The CMS2-7-R serves as a "filter" for electrical noise. It allows desired DC or low-frequency currents to pass while blocking high-frequency interference. #### Primary Functions: * **Common Mode Noise Suppression:** Eliminates noise that is present on both signal/power lines in relation to ground. * **Signal Integrity:** Prevents high-frequency switching noise from leaking back into the power grid or affecting sensitive analog circuits. #### Typical Applications: 1. **Switch Mode Power Supplies (SMPS):** Used in the input/output stages to meet EMI emissions standards. 2. **DC-DC Converters:** Filtering noise in telecommunications and industrial power modules. 3. **Data Lines:** Protecting high-speed data transmission from external interference. 4. **Inverters:** Filtering high-frequency harmonics in solar or motor drive systems. --- ### 4. Circuit Representation In a schematic, the CMS2-7-R is represented by two parallel inductors with a dot notation indicating phase. ```spice Line In (+) ----(L1)---- Line Out (+) | (Magnetic Core) Line In (-) ----(L2)---- Line Out (-) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between common mode and differential mode noise in this component?
    • ⤷ Are there pin-compatible alternatives to the CMS2-7-R from other manufacturers?
    • ⤷ How does the saturation current affect the performance of this choke?