Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CMT4-2-R

  • AI
    The **CMT4-2-R** is a specific model of common mode choke, typically manufactured by companies like **Eaton (formerly Coiltronics/Bussmann)**. These components are essential in power electronics for filtering and noise suppression. --- ### 1. Key Technical Specifications The CMT (Common Mode Toroid) series is designed to provide high impedance to common-mode noise while allowing differential signals to pass. | Parameter | Typical Value / Description | |:---|:---| | **Inductance** | Varies by design (typically mH range) | | **Current Rating** | High current capability (up to several Amperes) | | **Mounting Type** | Through-hole (Vertical or Horizontal) | | **Core Material** | Ferrite (High permeability) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Principles The CMT4-2-R operates as a **Common Mode Choke**. It consists of two identical coils wound onto a single toroidal core. * **Common Mode Noise:** When noise flows in the same direction on both lines, the magnetic fields from the two coils add together, creating high impedance and "choking" the noise. * **Differential Mode Signal:** When the desired current flows in opposite directions (supply and return), the magnetic fields cancel out, allowing the current to pass with minimal interference. --- ### 3. Physical Construction * **Toroidal Shape:** The donut-shaped core is highly efficient at containing magnetic flux, which minimizes Electromagnetic Interference (EMI) with surrounding components. * **Winding Style:** Sector winding or bifilar winding is used depending on the specific isolation requirements between the two lines. * **Lead Finish:** Usually Tin-plated copper for easy soldering. --- ### 4. Applications The CMT4-2-R is commonly found in the following electronic systems: 1. **Switch Mode Power Supplies (SMPS):** Used at the AC input stage to prevent high-frequency noise from returning to the power grid. 2. **Solar Inverters:** Filtering DC/AC conversion noise. 3. **Industrial Controls:** Protecting sensitive logic circuits from industrial "dirty" power. 4. **EV Charging:** Handling high currents while suppressing EMI. --- ### 5. Part Number Breakdown (Generic) | Segment | Meaning | |:---|:---| | **CMT** | Common Mode Toroid Series | | **4** | Physical Size/Frame Size | | **2** | Number of windings (usually 2 for single-phase) | | **R** | RoHS Compliant / Revision code |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the CMT4-2-R?
    • ⤷ How does a common mode choke differ from a standard inductor?
    • ⤷ What are the common failure modes for toroidal chokes?