Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CONMCX005-R178

  • AI
    ### Technical Overview: CONMCX005-R178 The **CONMCX005-R178** is a specialized electronic connector belonging to the **MCX (Micro Coaxial)** family. It is primarily designed for high-frequency RF (Radio Frequency) applications where space is limited but signal integrity is critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | MCX (Micro Coaxial) | | **Gender** | Jack (Female) | | **Orientation** | Right Angle | | **Mounting Type** | PCB, Through Hole | | **Impedance** | 50 Ohms | | **Frequency Range** | 0 to 6 GHz | | **Termination** | Solder | --- ### 2. Physical Construction & Materials Electronic components of this type are constructed using specific materials to ensure low signal loss and durability: * **Body Material:** Typically **Brass** with Gold plating to prevent oxidation and ensure a low-resistance ground path. * **Contact Pin:** Usually **Beryllium Copper** or Brass with heavy Gold plating for maximum conductivity and mating cycle longevity. * **Insulator:** **PTFE (Teflon)** is standard, providing excellent dielectric properties and high heat resistance during the soldering process. * **Form Factor:** The "Right Angle" design allows for a lower profile on the PCB, reducing the vertical space required compared to straight connectors. --- ### 3. Electronic Performance Characteristics The CONMCX005-R178 is engineered for high-speed data and signal transmission: * **VSWR (Voltage Standing Wave Ratio):** Designed to maintain a low VSWR (typically < 1.35) up to 6 GHz to minimize signal reflections. * **Snap-on Coupling:** Features a "snap-on" mating mechanism. This provides a secure electronic connection without the need for threading, which is ideal for rapid assembly and maintenance. * **Shielding:** The outer shell acts as a continuous ground, protecting the inner signal from Electromagnetic Interference (EMI). --- ### 4. Common Applications Due to its small footprint and 50 Ohm impedance, this part is commonly found in: 1. **Wireless Modules:** Wi-Fi, Bluetooth, and Zigbee hardware. 2. **GPS Receivers:** Handheld and automotive navigation systems. 3. **Telecommunications:** Cellular base stations and small cell hardware. 4. **Testing Equipment:** Oscilloscopes and signal generators requiring compact RF inputs. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the CONMCX005-R178?
    • ⤷ How does the snap-on mechanism compare to SMA screw-on connectors in terms of durability?
    • ⤷ Are there specific PCB footprint requirements for soldering this right-angle connector?