Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CORTEX-R82

  • AI
    The **Arm Cortex-R82** is the first 64-bit (Armv8-R AArch64) real-time processor designed specifically for high-performance, next-generation storage controllers and complex embedded systems. --- ## 1. Core Architecture Specifications The Cortex-R82 bridges the gap between traditional real-time Deterministic computing and Application-class processing. | Feature | Specification | | :--- | :--- | | **Architecture** | Armv8-R AArch64 (64-bit) | | **Pipeline** | 8-stage, in-order, dual-issue superscalar | | **Memory Management** | Optional MMU (for Linux) and MPU (for RTOS) | | **L1 Cache** | Up to 128KB Instruction and 128KB Data | | **L2 Cache** | Shared, up to 1MB per cluster | | **Bus Interface** | AMBA 5 CHI or AXI | --- ## 2. Key Electronic & Hardware Components ### A. Memory Management Unit (MMU) Unlike previous R-series processors that only used a Memory Protection Unit (MPU), the R82 features an optional **MMU**. This allows the hardware to run rich operating systems like **Linux** alongside real-time operating systems (RTOS). ### B. Tightly Coupled Memory (TCM) To ensure deterministic response times (zero-wait-state), the R82 utilizes TCM: - **ITCM:** Instruction Tightly Coupled Memory. - **DTCM:** Data Tightly Coupled Memory. - These are used for critical interrupt service routines and real-time loops. ### C. NEON & Helium Support The core includes an advanced **SIMD (Single Instruction Multiple Data)** engine (NEON). This hardware component accelerates: - Machine Learning (ML) workloads at the edge. - Complex mathematical calculations for Signal Processing. - Data compression and encryption. --- ## 3. Comparison: Cortex-R8 vs. Cortex-R82 | Feature | Cortex-R8 | Cortex-R82 | | :--- | :--- | :--- | | **Address Space** | 32-bit (4GB) | 64-bit (Up to 1TB) | | **OS Support** | RTOS only | RTOS + Linux | | **Max Performance** | High | Ultra-High (+100% over R8) | | **Typical Use** | 4G/5G Modems | SSD Controllers, Computational Storage | --- ## 4. Implementation in Electronic Systems The Cortex-R82 is primarily found in **SoC (System on Chip)** designs for storage: 1. **Computational Storage:** Allows the SSD to process data (like database queries) internally instead of sending it all to the CPU. 2. **Real-time Control:** Manages flash memory translation layers (FTL) with low latency. 3. **Data Protection:** Handles ECC (Error Correction Code) and hardware-level encryption in real-time. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of 64-bit addressing in storage controllers?
    • ⤷ How does the Cortex-R82 handle context switching between Linux and an RTOS?
    • ⤷ What is the typical power consumption profile for an R82-based SoC?