Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CPCI-R3610T

  • AI
    The **CPCI-R3610T** is a high-performance, 3U CompactPCI (CPCI) Rear Transition Module (RTM). In the CompactPCI architecture, the RTM is used to route I/O signals from the front processing board (usually a CPU or DSP blade) to the rear of the chassis, simplifying cabling and maintenance. Below is a detailed breakdown of the electronic components and specifications typical of this module. --- ### 1. Core Technical Specifications The CPCI-R3610T is designed to work in tandem with specific host boards (often from the Advantech or similar industrial series). | Feature | Description | | :--- | :--- | | **Form Factor** | 3U CompactPCI (100mm x 160mm) | | **Interface Standard** | PICMG 2.0 / PICMG 2.3 | | **Primary Connectivity** | Ethernet, USB, Serial (COM), and VGA/Graphics | | **Storage Support** | Often includes SATA or M.2 interfaces for SSD expansion | | **Operating Temp** | Standard (0 ~ 60°C) or Extended (-40 ~ 85°C) versions | --- ### 2. Key Electronic Components & Interfaces The electronic layout of the CPCI-R3610T focuses on signal integrity and high-speed data transmission. #### A. Network & Communication * **Ethernet Controllers:** Usually features dual or quad Gigabit Ethernet ports (RJ45). These often utilize magnetic isolation transformers to protect the internal circuitry from external surges. * **USB Ports:** Includes USB 2.0 or 3.0 headers/ports with over-current protection circuits (polyswitches). #### B. Storage & Data Handling * **SATA Connectors:** Provides direct signal paths for 2.5" HDD/SSD mounting or external SATA connectivity via the backplane. * **EEPROM:** A small onboard serial EEPROM chip is typically included to store board identification (FRU information) which the system BIOS reads during POST. #### C. Video and Graphics * **VGA/DVI Output:** Uses high-density connectors to route the video signal from the front-side CPU's integrated graphics controller to the rear panel. #### D. Power Management * **Voltage Regulators:** Onboard DC-DC converters or LDO (Low Dropout) regulators to step down the backplane power (5V or 3.3V) to the specific voltages required by the onboard ICs. * **Decoupling Capacitors:** Extensive use of MLCC (Multi-Layer Ceramic Capacitors) near the high-speed connectors to filter noise. --- ### 3. Connection Architecture The CPCI-R3610T relies on the **J2 Connector** to interface with the front board. 1. **Rear I/O Pin Mapping:** It intercepts the user-defined I/O pins from the CompactPCI backplane. 2. **Hot Swap Support:** The electronics are designed to be "Hot Swappable," meaning the module can be removed or inserted while the system is powered (subject to system software support). --- ### 4. Code/Configuration Example While the board is hardware-centric, identifying it via software (e.g., in a Linux environment) usually involves checking the PCI bus: ```bash # To check for devices connected via the CPCI RTM lspci -vv | grep -i "Ethernet" # To check the disk connected to the RTM SATA port lsblk ```
    ✨ Follow-up Questions
    • ⤷ Which specific front-end CPU boards are compatible with the CPCI-R3610T?
    • ⤷ What are the primary differences between PICMG 2.0 and PICMG 2.3 standards used in this module?
    • ⤷ Does the CPCI-R3610T support ruggedized environments with conduction cooling?