Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CPCI-R6002

  • AI
    The **CPCI-R6002** is a specialized 6U Rear Transition Module (RTM) designed specifically for CompactPCI systems, typically used in conjunction with a CPU host board to extend I/O capabilities through the backplane. Below is a detailed breakdown of its electronic components and specifications. --- ## 1. Core Technical Specifications The board acts as a bridge between the system backplane and external peripherals, routing signals from the front-side CPU board to the rear of the chassis. | Feature | Specification | | :--- | :--- | | **Form Factor** | 6U CompactPCI Rear Transition Module (RTM) | | **Compatibility** | PICMG 2.0 / 2.3 Standards | | **Interface Density** | High-density J3/J4/J5 connectors | | **Network Support** | Dual or Quad Gigabit Ethernet (model dependent) | | **Storage** | SATA/SAS interface support | --- ## 2. Key Electronic Components ### A. Connectivity & I/O Controllers The CPCI-R6002 is populated with various physical layer (PHY) chips and controllers to manage data flow: * **Ethernet PHYs:** Integrates transceivers to convert backplane SerDes signals into standard RJ45 copper or fiber signals. * **Serial UARTs:** Often includes RS-232 or RS-422/485 level shifters for industrial communication. * **USB Hub/Controllers:** Distributes USB signals from the host CPU to external Type-A or header-based ports. ### B. Power Management The module includes local power regulation to ensure signal integrity: * **DC-DC Converters:** Steps down backplane voltages (typically 5V or 3.3V) to lower voltages required by onboard logic (e.g., 1.8V, 1.2V). * **Filtering Capacitors:** High-quality Tantalum or Ceramic capacitors are used to minimize EMI and power ripple in rugged environments. ### C. Storage Interfaces * **SATA Connectors:** Provides direct paths for 2.5-inch SSDs or HDDs to be mounted directly on the RTM or connected via cables. * **CFast/M.2 Slots:** Some variations feature small form-factor flash storage sockets for OS booting. --- ## 3. Rear Panel Interface Layout Typical port distribution found on the CPCI-R6002: 1. **Video Out:** Usually VGA or DVI-D routed from the host's graphic controller. 2. **LAN Ports:** 2x 10/100/1000Base-T RJ45 ports. 3. **USB Ports:** Multiple USB 2.0/3.0 ports for HID or storage devices. 4. **COM Ports:** DB9 connectors for serial debugging and console access. 5. **Audio:** Line-in/Line-out 3.5mm jacks (depending on the specific revision). --- ## 4. Signal Integrity & Architecture Because the RTM sits at the back, it relies on the **J3, J4, and J5 connectors** to receive signals from the front board. * **Impedance Matching:** The PCB is designed with strictly controlled differential pair routing to maintain 100-ohm impedance for Ethernet and PCIe signals. * **Hot-Swappability:** Includes circuitry to support PICMG hot-swap specifications, allowing the module to be replaced without powering down the entire chassis. ---
    ✨ Follow-up Questions
    • ⤷ Which specific CPU boards are compatible with the CPCI-R6002?
    • ⤷ What is the maximum data transfer rate supported by its SATA interfaces?
    • ⤷ Does this RTM support extended temperature ranges for industrial use?