Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CPCI-R6100

  • AI
    The **CPCI-R6100** is a high-performance, 6U CompactPCI (cPCI) backplane designed for rugged industrial, telecommunications, and military applications. It serves as the physical and electrical interconnection layer for cPCI system components. --- ## 1. Core Technical Specifications The electronic architecture of the CPCI-R6100 is defined by its adherence to the PICMG standards, ensuring high-speed data transfer and power distribution. | Feature | Specification | | :--- | :--- | | **Form Factor** | 6U CompactPCI | | **Slot Configuration** | Typically 8-slot (1 System Slot + 7 Peripheral Slots) | | **Bus Width** | 32-bit or 64-bit | | **Clock Frequency** | 33MHz / 66MHz | | **V(I/O) Voltage** | +3.3V or +5V (Selectable via coding keys) | | **Compliance** | PICMG 2.0 R3.0, PICMG 2.1 (Hot Swap) | --- ## 2. Key Electronic Components ### A. Connectivity & Connectors * **Hard Metric (HM) Connectors:** Uses high-density 2mm pitch connectors (J1 through J5). * **J1/J2:** Handle the primary 32/64-bit PCI bus signals. * **J3/J4/J5:** Reserved for User-Defined I/O or Rear Transition Modules (RTM). * **Power Studs/Fastons:** Heavy-duty terminals designed to provide stable current for +5V, +3.3V, +12V, and -12V rails. ### B. Signal Integrity Features * **Decoupling Capacitors:** Distributed across the backplane to filter high-frequency noise and stabilize voltage ripples. * **Termination Resistors:** Integrated to prevent signal reflection on the PCI bus, ensuring data integrity at higher clock speeds (66MHz). * **PCB Layering:** Multi-layer PCB design (typically 10+ layers) with dedicated ground and power planes to provide EMI/EMC shielding. ### C. Power Distribution & Management * **Bus Bars:** Many R6100 variants utilize thick copper bus bars to minimize voltage drop across the length of the backplane. * **Geographical Addressing:** Hard-wired pins on each slot allow the CPU to identify the physical location of peripheral cards automatically. --- ## 3. Advanced Electronic Capabilities ### Hot-Swap Support The R6100 includes circuitry to support **PICMG 2.1 Hot Swap**. This involves: 1. **Staggered Pin Lengths:** Ensures ground connects first and breaks last. 2. **Early Power/Pre-charge:** Prevents electrical arcs and system resets when inserting cards into a live backplane. ### Rear Transition Module (RTM) Support The electronic traces for J3-J5 are routed directly to the rear of the backplane. This allows the CPCI-R6100 to interface with RTMs, moving bulky cabling (Ethernet, Serial, USB) to the back of the chassis to improve airflow and maintenance. ---
    ✨ Follow-up Questions
    • ⤷ Does the CPCI-R6100 support 66MHz operation across all slots?
    • ⤷ What are the specific power pin assignments for the J1 connector?
    • ⤷ Is the R6100 compatible with CompactPCI Express (PXIe) cards?