Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CPLE-2-50TR-R

  • AI
    The **CPLE-2-50TR-R** is a high-performance **Directional Coupler** manufactured by Eaton (formerly Coiltronics/Bussmann). It belongs to the CPLE family of components designed specifically for high-frequency signal monitoring and power management. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Directional Coupler | | **Operating Frequency Range** | 700 MHz to 3.0 GHz | | **Coupling Factor** | 20 dB (Typical) | | **Power Rating** | Up to 50W | | **Impedance** | 50 Ohms | | **Package / Case** | Surface Mount (SMD) | | **Number of Ports** | 4-Port Configuration | --- ### 2. Functional Characteristics A directional coupler like the CPLE-2-50TR-R is a passive device used to sample a specific amount of electromagnetic power moving in a transmission line. * **Coupling:** It "taps" into the main signal path with minimal loss (Insertion Loss) to provide a sample of the signal for measurement. * **Directionality:** It is designed to distinguish between forward and reflected waves. This is crucial for calculating the **VSWR** (Voltage Standing Wave Ratio). * **Isolation:** High isolation ensures that signals from the coupled port do not interfere with the input port significantly. --- ### 3. Physical Construction & Packaging * **SMD Design:** The "TR" in the part number indicates **Tape and Reel** packaging, designed for automated high-speed pick-and-place assembly. * **Robustness:** These parts are built to handle high thermal loads, making them suitable for power amplifier stages where heat dissipation is a factor. * **Lead-Free:** The "-R" suffix denotes **RoHS compliance**, meaning the part is lead-free and environmentally friendly. --- ### 4. Common Applications The CPLE-2-50TR-R is typically found in the RF (Radio Frequency) front-end of communication hardware: 1. **Power Monitoring:** Measuring the output power of a transmitter to ensure it stays within legal or functional limits. 2. **Antenna Tuning:** Detecting reflected power to identify if an antenna is mismatched or damaged. 3. **Signal Leveling:** Providing feedback loops to Automatic Gain Control (AGC) circuits. 4. **Base Stations:** Used extensively in cellular infrastructure (LTE, 5G sub-6GHz) and Wi-Fi routing hardware.
    ✨ Follow-up Questions
    • ⤷ What is the difference between insertion loss and coupling loss in this device?
    • ⤷ How does the coupling factor change across the 700MHz to 3GHz frequency range?
    • ⤷ Can this coupler be used in bidirectional power measurement applications?