Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CR-BA-R

  • AI
    Based on technical specifications for industrial safety components, the **CR-BA-R** typically refers to a specific type of **Safety Rope Pull Switch** or a related control accessory (often associated with brands like Honeywell or specialized industrial manufacturers). Below is an explanation of its electronic components and functional design. --- ### 1. Key Electronic & Mechanical Components The CR-BA-R is designed to convert mechanical tension into an electrical signal to stop machinery in an emergency. | Component | Description | Function | | :--- | :--- | :--- | | **Contact Blocks** | Silver-alloy or gold-plated electrical contacts. | Provides NC (Normally Closed) and NO (Normally Open) circuits. | | **Snap Action Mechanism** | A spring-loaded trigger system. | Ensures rapid separation of contacts to prevent arcing. | | **Reset Button** | A manual blue or red rotary/push button. | Requires manual intervention to restore power after a trip. | | **Terminals** | Screw-type or cage-clamp connectors. | Points for wiring the device into the safety control loop (PLC). | | **Indicator Lamp** | (Optional) LED or neon bulb. | Visual status indicating if the circuit is open or closed. | --- ### 2. Technical Specifications Electronic parts in these units are rated for high-reliability industrial environments. * **Switching Capacity:** Usually rated up to **AC-15 6A / 240V** or **DC-13 2A / 24V**. * **Contact Configuration:** Commonly **2NC / 2NO** or **3NC / 1NO** for redundancy. * **Insulation Voltage (Ui):** Typically **500V**. * **Ingress Protection:** **IP67**, meaning the electronic internals are protected against dust and temporary water immersion. --- ### 3. Functional Operation The electronics operate based on the tension of a connected wire rope: 1. **Normal State:** The internal spring maintains the contacts in a closed position (NC), allowing current to flow to the motor contactor. 2. **Actuated State:** If the rope is pulled (or if the rope snaps), the mechanical cam forces the **electronic contacts to open**. 3. **Positive Break:** The device utilizes a "positive opening" mechanism, ensuring that even if contacts are slightly welded, the mechanical force will snap them apart to ensure safety. --- ### 4. Wiring Diagram Concept In a standard safety circuit, the CR-BA-R is wired as follows: ```mermaid graph LR A[Power Supply 24V] --> B[CR-BA-R NC Contact 1] B --> C[CR-BA-R NC Contact 2] C --> D[Safety Relay / PLC] D --> E[Motor Contactor] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for a dual-channel safety system using the CR-BA-R?
    • ⤷ How does the 'rope-break' detection differ from a standard pull action electronically?
    • ⤷ What is the recommended maintenance schedule for the internal contact blocks?