Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CRE1S0505MC-R

  • AI
    The **CRE1S0505MC-R** is a low-cost, ultra-compact DC-DC converter manufactured by Murata Power Solutions. It is designed for applications requiring high isolation and a small footprint. --- ### 1. General Specifications This component belongs to the CRE1 series, which features a single-output, unregulated design. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 5V DC (Nominal) | | **Output Voltage** | 5V DC | | **Output Current** | 200mA (Max) | | **Power Rating** | 1 Watt | | **Isolation Voltage** | 1kV DC (1 minute) | | **Efficiency** | ~75% (Typical) | | **Package Type** | SMT (Surface Mount Technology) | --- ### 2. Key Internal Components & Architecture The device is a "module," meaning it integrates several electronic parts inside a single plastic molding: 1. **Switching Controller:** An internal oscillator that converts the DC input into a high-frequency AC signal. 2. **Transformer:** A miniature high-frequency transformer that provides galvanic isolation between the input and output stages. 3. **Rectification Diodes:** Converts the AC signal back into DC after it passes through the transformer. 4. **Filter Capacitors:** Internal ceramic capacitors used to smooth the output ripple, though external capacitors are often recommended for sensitive circuits. --- ### 3. Pin Configuration The CRE1S0505MC-R uses a standard SMT footprint. The typical pinout is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **-Vin** | Ground/Negative Input | | 2 | **+Vin** | Positive Input (5V) | | 3 | **-Vout** | Negative Output | | 4 | **+Vout** | Positive Output (5V) | --- ### 4. Common Use Cases * **Ground Loop Elimination:** Breaking ground loops in digital systems to reduce noise. * **Level Shifting:** Providing a localized isolated power rail for sensors or communication interfaces (like RS-485 or CAN bus). * **Medical/Industrial Isolation:** Providing basic safety isolation between control logic and power stages. --- ### 5. Design Considerations * **Unregulated Output:** Because this is an unregulated converter, the output voltage may vary depending on the load. If the load is too light, the voltage may rise above 5V. * **Thermal Management:** Ensure adequate PCB copper area around the pins to act as a heatsink, as 1W modules can get warm during full-load operation. * **External Filtering:** To meet stricter EMC (Electromagnetic Compatibility) requirements, an external LC filter is usually added to the input and output.
    ✨ Follow-up Questions
    • ⤷ What is the typical ripple and noise specification for this model?
    • ⤷ Can this converter be used for 3.3V to 5V step-up applications?
    • ⤷ What are the recommended external capacitor values for the CRE1S0505MC-R?