Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CRE2512-R002

  • AI
    The **CRE2512-R002** is a high-power, low-resistance current sense resistor. It belongs to the CRE series manufactured by **Bourns**, designed specifically for power management and current sensing applications. --- ### 1. Key Technical Specifications The part number itself contains several encoded specifications regarding its physical size and resistance value. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Package Size** | 2512 (Imperial) | Dimensions of approx. 6.4mm x 3.2mm | | **Resistance** | 0.002 $\Omega$ (2 m$\Omega$) | Extremely low resistance to minimize power loss | | **Power Rating** | 2 Watts to 3 Watts | Varies slightly based on PCB thermal management | | **Tolerance** | ±1% or ±5% | Precision level for current measurement | | **Temperature Coefficient** | ±75 ppm/°C | Stability of resistance over temperature changes | | **Technology** | Metal Alloy | Used for high reliability and pulse handling | --- ### 2. Functional Breakdown #### A. Current Sensing (Shunt Resistor) The primary function of the CRE2512-R002 is to act as a **Shunt**. By placing it in series with a load, a small voltage drop occurs across the resistor ($V = I \times R$). Because the resistance is a known constant (2 m$\Omega$), a microcontroller or sense amplifier can calculate the exact current flowing through the circuit. #### B. Kelvin (4-Wire) Measurement Capability While this specific part is a 2-terminal device, it is often used with "Kelvin" PCB traces. Because the resistance is so low (only 2 m$\Omega$), the resistance of the solder joints can interfere with accuracy. Designers use thin traces to sense the voltage directly at the resistor pads to bypass lead resistance. #### C. Thermal Management The 2512 package is larger than standard consumer resistors (like 0603 or 0805). This larger surface area, combined with a metal alloy construction, allows the part to dissipate heat effectively without drifting out of its specified resistance range. --- ### 3. Common Applications * **BMS (Battery Management Systems):** Monitoring charge and discharge cycles in Li-ion packs. * **Motor Control:** Detecting overcurrent conditions or managing torque. * **DC-DC Converters:** Providing feedback loops for power supply regulation. * **Automotive Electronics:** Used in lighting modules and power steering systems. --- ### 4. Part Number Decoding The Bourns nomenclature for this part generally follows this structure: ```text CRE 2512 - R002 F | | | | | | | +-- Tolerance (F = 1%) | | +------ Resistance Value (R002 = 0.002 Ohms) | +------------- Package Size (2512) +------------------ Series Name (High Power Current Sense) ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the maximum current this resistor can handle based on its 3W rating?
    • ⤷ What are the advantages of using metal alloy over thick film for current sensing?
    • ⤷ Can you explain the recommended PCB landing pattern for a 2512 shunt resistor?