Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CRE2512-R005

  • AI
    The **CRE2512-R005** is a high-power, surface-mount (SMD) metal strip current sense resistor. It is specifically designed for monitoring electrical current in high-performance power electronics. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.005 Ω (5 mΩ) | Extremely low resistance to minimize power loss. | | **Package Size** | 2512 (Imperial) | Physical dimensions of 6.4 mm x 3.2 mm. | | **Power Rating** | 2 Watts to 3 Watts | Varies slightly by manufacturer (e.g., Bourns). | | **Tolerance** | ±1% or ±5% | Precision level of the resistance value. | | **Material** | Metal Alloy | Used for superior thermal stability and durability. | | **TCR** | ±75 ppm/°C | Temperature Coefficient of Resistance. | --- ### 2. Functional Breakdown #### Low Resistance (5 mΩ) The core purpose of this part is **current sensing**. By placing this resistor in series with a load, a small voltage drop occurs across it ($V = I \times R$). Because the resistance is so low (0.005 ohms), it generates very little heat while providing a readable voltage for a microcontroller or an Op-Amp to calculate current. #### 2512 Form Factor The 2512 size is significantly larger than standard 0805 or 1206 resistors. This larger footprint allows for: * **Better Heat Dissipation:** Large solder pads act as heat sinks. * **High Power Handling:** Rated for up to 3W, which is necessary when sensing high currents. #### Metal Strip Construction Unlike standard thick-film resistors, the CRE series uses a solid metal alloy element. This provides: * **Low Noise:** Essential for accurate measurements. * **High Pulse Endurance:** Can handle short bursts of high current without failing. --- ### 3. Common Applications * **Battery Management Systems (BMS):** Monitoring charge and discharge rates in Li-ion packs. * **Motor Control:** Detecting stalls or regulating speed in BLDC motors. * **DC-DC Converters:** Managing power flow in voltage regulators. * **Power Supplies:** Implementing over-current protection (OCP). --- ### 4. Implementation Example (Ohm's Law) If 20 Amperes of current flow through the CRE2512-R005, the voltage drop measured across the terminals would be: ```python # Calculation: V = I * R current = 20 # Amps resistance = 0.005 # Ohms voltage_drop = current * resistance print(f"Voltage Drop: {voltage_drop} Volts (100mV)") ```
    ✨ Follow-up Questions
    • ⤷What are the pros and cons of using a metal strip vs. a thick-film resistor for sensing?
    • ⤷ How do I calculate the maximum current this resistor can handle based on its 3W rating?
    • ⤷ What is the recommended PCB layout for 2512 current sense resistors?