Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CRE2512-R008

  • AI
    ## Technical Overview of CRE2512-R008 The **CRE2512-R008** is a high-power, low-resistance surface mount resistor, typically manufactured by companies like **Bourns**. It is categorized as a **Current Sense Resistor** (Shunt), specifically designed to measure current by monitoring the voltage drop across it. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 0.008 $\Omega$ (8 m$\Omega$) | | **Package Size** | 2512 (Inch) / 6432 (Metric) | | **Power Rating** | 2 Watts (Standard) / up to 3W (Special conditions) | | **Tolerance** | $\pm$1% (Common) or $\pm$5% | | **Temperature Coefficient (TCR)** | $\pm$75 ppm/°C | | **Material** | Metal Alloy element | | **Operating Temperature** | -55°C to +170°C | --- ### 2. Functional Characteristics * **Low Resistance (m$\Omega$):** The 8 m$\Omega$ value allows high currents to pass through with minimal power loss ($P = I^2 \times R$) and minimal heat generation. * **Kelvin Connection Capability:** While this is a 2-terminal device, its large 2512 pads allow for precise PCB layout designs to minimize measurement errors caused by lead resistance. * **High Power Dissipation:** The 2512 footprint is physically large enough to dissipate the heat generated during continuous high-current sensing. * **Stability:** The metal alloy construction ensures the resistance value remains stable even when the component heats up (Low TCR). --- ### 3. Part Number Breakdown The nomenclature typically follows this structure: | Segment | Meaning | | :--- | :--- | | **CRE** | Series Name (High Power Current Sense) | | **2512** | Package Size (0.25 x 0.12 inches) | | **R008** | Resistance Value (R denotes decimal: 0.008 Ohms) | --- ### 4. Common Applications 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion battery packs. 2. **Motor Control:** Providing feedback loops for DC motor speed and torque regulation. 3. **Power Supplies:** Over-current protection (OCP) circuits in DC-DC converters. 4. **Industrial Electronics:** Measuring load currents in heavy-duty machinery. ---
    ✨ Follow-up Questions
    • ⤷How do I calculate the maximum current this resistor can handle?
    • ⤷ What is the difference between the CRE and CRM series?
    • ⤷ Can this resistor be used in automotive applications?