Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CS160808-R10K

  • AI
    The **CS160808-R10K** is a surface-mount electronic component, specifically a **Multilayer Chip Inductor**. It is widely used in high-frequency circuits for noise suppression and signal conditioning. --- ## 1. Part Number Breakdown To understand the specifications, we can decode the alphanumeric part number: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CS** | Series Type | Ceramic/Multilayer Chip Inductor | | **160808** | Case Size | Dimensions in mm (1.6 x 0.8 x 0.8 mm) | | **R10** | Inductance Value | R denotes decimal point: **0.10 µH (100 nH)** | | **K** | Tolerance | **±10%** | --- ## 2. Technical Specifications These are the typical electrical characteristics for this class of inductor: * **Inductance:** 0.10 µH (100 nH) * **Tolerance:** ±10% * **Case Size (EIA):** 0603 * **Case Size (Metric):** 1608 * **Material:** Ceramic or Ferrite base (depending on the specific manufacturer, usually ceramic for high-frequency R10 values). * **Operating Temperature:** Typically -55°C to +125°C. --- ## 3. Key Features & Construction * **Multilayer Technology:** Instead of a wire wound around a core, these are built by layering conductive paste (usually silver) between ceramic sheets and sintering them into a monolithic block. * **Magnetic Shielding:** The multilayer structure provides a closed magnetic circuit, which minimizes crosstalk and electromagnetic interference (EMI) with surrounding components. * **Small Form Factor:** The 0603 (1608 metric) size is ideal for high-density PCB layouts in portable electronics. --- ## 4. Common Applications Due to its low inductance and high-frequency performance, the CS160808-R10K is typically found in: 1. **RF Circuits:** Used in impedance matching and resonance circuits for Bluetooth, Wi-Fi, and cellular modules. 2. **EMI Suppression:** Filtering high-frequency noise in power lines or data lines. 3. **Signal Decoupling:** Preventing high-frequency signals from entering the DC power supply sections of a circuit. --- ## 5. Equivalent Footprint If you are designing a PCB, the land pattern should match the **0603 (EIA)** standard: ```text Dimension | Value (mm) ----------|----------- Length (L)| 1.60 ± 0.15 Width (W) | 0.80 ± 0.15 Height (H)| 0.80 ± 0.15 ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum rated current for this specific inductor?
    • ⤷ How does a ceramic inductor differ from a ferrite inductor in high-frequency applications?
    • ⤷ Can this part be used as a replacement for a 100nH wire-wound inductor?