Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CS201212-R33K

  • AI
    ## Technical Overview: CS201212-R33K The **CS201212-R33K** is a specific surface-mount device (SMD) electronic component, categorized as a **Chip Inductor**. It is widely used in high-frequency circuits for signal processing and power management. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CS** | Series Type | Multi-layer Ceramic Chip Inductor | | **2012** | Package Size | Metric 2012 (Imperial 0805): 2.0mm x 1.25mm | | **12** | Thickness | Approximately 1.25mm height | | **R33** | Inductance Value | **0.33 µH** (R denotes decimal point) | | **K** | Tolerance | **±10%** | --- ### 2. Key Electrical Specifications Based on standard manufacturer data sheets (e.g., Bourns or similar multi-layer series), here are the typical performance parameters: * **Inductance:** 0.33 µH (330 nH) * **Tolerance:** ±10% * **Self-Resonant Frequency (SRF):** Typically >250 MHz (Minimum) * **DC Resistance (DCR):** Max ~0.50 - 0.70 Ω (varies by brand) * **Rated Current:** ~200mA to 300mA * **Operating Temperature:** -55°C to +125°C --- ### 3. Construction and Material This part is a **Multi-layer Inductor**, which differs from wire-wound versions: * **Internal Structure:** It consists of a ceramic body with integrated internal screen-printed silver (Ag) conductive layers that form a coil shape. * **Termination:** Usually features a nickel (Ni) barrier layer with a tin (Sn) finish to prevent "leaching" during soldering and to ensure excellent solderability. --- ### 4. Common Applications Due to its small 0805 footprint and high-frequency stability, it is used in: 1. **EMI Suppression:** Filtering high-frequency noise in digital circuits. 2. **RF Circuits:** Impedance matching in wireless communication modules (Bluetooth, Wi-Fi). 3. **Mobile Electronics:** Decoupling in smartphones and tablets where space is a premium. 4. **Signal Line Filtering:** Preventing distortion in high-speed data lines. --- ### 5. Soldering Profile (Typical) ```json { "Process": "Reflow Soldering", "Preheat_Temp": "150°C to 180°C", "Peak_Temp": "260°C Max", "Time_at_Peak": "5-10 seconds" } ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between this multi-layer inductor and a wire-wound inductor?
    • ⤷ Can you provide a comparison of the 0805 (2012) package size versus the 0603 package size?
    • ⤷ How does the 'Q factor' affect the performance of the CS201212-R33K in RF circuits?