Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CS7N65A5-R

  • AI
    The **CS7N65A5-R** is an N-channel enhancement mode power MOSFET. It is primarily designed for high-voltage, high-speed switching applications such as power supplies, DC-DC converters, and motor drivers. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the CS7N65A5-R: | Parameter | Symbol | Maximum Rating / Value | | :--- | :--- | :--- | | Drain-Source Voltage | $V_{DSS}$ | 650 V | | Continuous Drain Current | $I_D$ | 7.0 A | | Pulsed Drain Current | $I_{DM}$ | 28 A | | Gate-Source Voltage | $V_{GSS}$ | ±30 V | | Static Drain-Source On-Resistance | $R_{DS(on)}$ | 1.15 Ω (Typ) / 1.4 Ω (Max) | | Total Gate Charge | $Q_g$ | 21 nC | | Power Dissipation ($T_c = 25^\circ C$) | $P_D$ | 46 W | --- ### 2. Physical and Packaging Features The "A5-R" suffix usually denotes specific packaging and reel configurations (typically **TO-220F** or **TO-252/DPAK** depending on the specific manufacturer datasheet iteration). * **Package Type:** Often found in TO-220F (Full Plastic Package), which provides internal insulation, eliminating the need for an insulating washer when mounting to a heatsink. * **RoHS Compliant:** Generally manufactured with lead-free finishes. --- ### 3. Core Functional Advantages * **Low Gate Charge:** Allows for fast switching speeds and reduces driving loss, which is critical for high-frequency PWM (Pulse Width Modulation) circuits. * **Low $R_{DS(on)}$:** Minimizes conduction losses, leading to better thermal efficiency. * **High Ruggedness:** Features high avalanche energy $E_{AS}$ (approx. 420 mJ), meaning it can withstand voltage spikes/surges better than standard transistors. --- ### 4. Typical Applications This MOSFET is commonly utilized in: 1. **Switching Mode Power Supplies (SMPS):** Used as the primary switch in AC-DC adapters. 2. **Uninterruptible Power Supplies (UPS):** Managing power conversion. 3. **LED Lighting Drivers:** Providing stable current control in high-voltage strings. 4. **Electronic Ballasts:** For fluorescent lighting systems. --- ### 5. Pin Configuration (Typical TO-220F/TO-252) ```text _______ | O | <-- Mounting Hole/Tab |-------| | | | CS7N65| |_______| | | | 1 2 3 (G)(D)(S) 1. Gate (G): Control terminal. 2. Drain (D): Connected to the high voltage load. 3. Source (S): Connected to the ground/common. ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the CS7N65A5-R?
    • ⤷ How does the TO-220F package differ thermally from the standard TO-220?
    • ⤷ What is the recommended gate drive voltage for optimal switching?