Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSAC0530-R10M

  • AI
    The **CSAC0530-R10M** is a high-current, low-profile power inductor typically used in DC-DC converter applications. It belongs to a class of surface-mount (SMD) molded inductors designed for high efficiency and high-frequency operation. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the technical specifications: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **CSAC** | Series Name | Metal alloy mold type inductor | | **0530** | Case Size | Approx. 5.0mm x 5.0mm x 3.0mm | | **R10** | Inductance Value | 0.10 µH (Microhenries) | | **M** | Tolerance | ±20% | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as Cyntec or Chilisin), the standard parameters for an R10M in this size are: * **Inductance:** 0.10 µH * **DC Resistance (DCR):** Extremely low (typically < 2.0 mΩ), minimizing power loss. * **Saturation Current ($I_{sat}$):** High (often ranging from 20A to 35A), allowing it to maintain inductance under heavy loads. * **Heat Rating Current ($I_{rms}$):** High capacity for continuous current without overheating. * **Operating Temperature:** Generally -40°C to +125°C. --- ### 3. Core Features and Benefits 1. **Metal Alloy Construction:** Uses a molded iron powder core which provides "soft saturation" characteristics (inductance drops gradually rather than sharply when current increases). 2. **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding components. 3. **High Frequency Performance:** Optimized for switching frequencies used in modern VRMs (Voltage Regulator Modules) and POL (Point of Load) converters. 4. **Low Buzz Noise:** The solid molded structure minimizes acoustic noise caused by magnetostriction. --- ### 4. Common Applications Due to its low inductance and high current handling, this part is ideal for: * **Graphics Cards (GPUs):** High-speed power phases. * **Motherboards:** CPU VRM circuits. * **DC-DC Converters:** Buck converters in telecommunications and industrial laptops. * **Battery Powered Devices:** High-efficiency power management units. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between 'soft saturation' and 'hard saturation' in these inductors?
    • ⤷ How does the DCR value affect the overall efficiency of the power circuit?
    • ⤷ Can this inductor be used in automotive applications
    • ⤷ or is it strictly for consumer electronics?