Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSBL0650-R47M

  • AI
    The **CSBL0650-R47M** is a high-current, low-profile power inductor typically used in DC-DC converters and power supply modules. It belongs to the family of **Molded Power Inductors**, which are known for their rugged construction and stability under high-stress conditions. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CSBL** | Series Category | Shielded Composite/Molded Inductor | | **0650** | Size Dimensions | Approx. 6.6mm x 7.3mm x 5.0mm | | **R47** | Inductance Value | 0.47 µH (Microhenries) | | **M** | Tolerance | ±20% | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (e.g., Cyntec or Chilisin), the standard specifications for this part class are: * **Inductance:** 0.47 µH * **DC Resistance (DCR):** Typically very low (~2.0mΩ to 5.0mΩ) to minimize power loss. * **Rated Current (Irms):** Usually between **15A and 25A** (Heat rating). * **Saturation Current (Isat):** Usually between **20A and 35A** (The point where inductance drops by 30%). * **Operating Temperature:** -40°C to +125°C. --- ### 3. Key Features * **Magnetic Shielding:** The molded construction uses a metallic powder core that encapsulates the coil, providing excellent EMI (Electromagnetic Interference) shielding. * **High Saturation:** Unlike ferrite inductors, molded inductors have a "soft" saturation curve, meaning they don't lose inductance abruptly when current spikes. * **Low DCR:** The use of flat or heavy-gauge copper wire inside reduces heat dissipation. * **Acoustic Noise Reduction:** The solid molded body reduces the vibration of the coil (buzzing) often heard in traditional shielded inductors. --- ### 4. Typical Applications These inductors are found in circuits requiring high efficiency and high current in a small footprint: 1. **Voltage Regulator Modules (VRM):** Powering CPUs and GPUs in laptops and servers. 2. **DC-DC Converters:** Point-of-Load (POL) power supplies. 3. **Battery Powered Devices:** High-efficiency power management for mobile electronics. 4. **Automotive Electronics:** Infotainment systems and ADAS modules (if AEC-Q200 qualified). --- ### 5. Equivalent Comparison If you are looking for replacements or alternatives, these series are generally cross-compatible: * **Vishay:** IHLP-2525EZ-01 * **Bourns:** SRP6540 * **TDK:** SPM6550
    ✨ Follow-up Questions
    • ⤷What is the difference between Irms and Isat for this inductor?
    • ⤷ How does the molded construction improve EMI performance?
    • ⤷ Can this part be used in automotive applications?