Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSBX0640-R68M

  • AI
    The **CSBX0640-R68M** is a high-current, shielded power inductor typically used in DC-DC converter applications. It belongs to a class of surface-mount device (SMD) components designed for high efficiency and low energy loss in compact electronic circuits. ### 1. Technical Specifications Breakdown The part number follows a specific nomenclature that defines its electrical and physical characteristics: | Parameter | Value / Detail | | :--- | :--- | | **Inductance** | 0.68 µH (indicated by "R68") | | **Tolerance** | ±20% (indicated by "M") | | **Case Size** | 0640 (approx. 6.0 x 6.0 x 4.0 mm) | | **Type** | Shielded Magnetic Core | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Key Electrical Characteristics * **Low DCR (DC Resistance):** These inductors are engineered with thick copper wire to minimize internal resistance, which reduces heat generation and improves battery life in portable devices. * **High Saturation Current ($I_{sat}$):** The magnetic core is designed to handle high peak currents without the inductance dropping significantly. This is crucial for maintaining stability during power spikes. * **Magnetic Shielding:** The component is encapsulated in a magnetic powder or composite shell. This minimizes **Electromagnetic Interference (EMI)**, preventing the inductor from interfering with nearby sensitive components like RF antennas or processors. --- ### 3. Materials and Construction The "CSBX" series generally utilizes **Metal Alloy Powder** technology: * **Core Material:** Iron powder or composite alloys rather than traditional ferrite. This allows for a "soft saturation" curve, meaning the part performs better under heavy loads. * **Molding:** The wire coil is placed in a mold and pressed with metal powder, creating a solid, robust block that is highly resistant to mechanical shock and vibration. --- ### 4. Common Applications Inductors like the CSBX0640-R68M are found in power management stages (POL - Point of Load) for: 1. **Laptops and Tablets:** For CPU and GPU core voltage regulation. 2. **Servers:** High-efficiency power modules. 3. **DC/DC Converters:** Buck, Boost, and Buck-Boost topologies. 4. **LED Drivers:** Providing stable current for high-brightness lighting. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current (Isat) for the CSBX0640-R68M?
    • ⤷ How does metal alloy powder differ from ferrite cores in performance?
    • ⤷ What are the recommended soldering profiles for this SMD component?