AI

## CSBX1235-R25M: Part Overview
I don't have reliable datasheet information for this exact part number, so I can't confirm its manufacturer, specifications, or electrical ratings. I can explain what the naming convention usually indicates, which may help you identify it.
---
### Likely Component Type
The format suggests a **fixed power inductor** (a wire-wound or molded coil used in power supplies and DC-DC converters). The "CSBX" prefix is probably a manufacturer or series code.
---
### Decoding the Part Number (Estimated)
| Segment | Likely Meaning | Confidence |
|---|---|---|
| **CSBX** | Manufacturer or product series code | Low |
| **1235** | Physical size or dimension code (e.g., about 12 × 35 mm, or a 1235-style package) | Low |
| **R25** | Inductance of **0.25 µH** (the "R" acts as the decimal point) | Moderate to high |
| **M** | Tolerance of **±20%** (M is the standard code for ±20%) | High |
---
### Typical Specifications to Look For
If this is an inductor, the datasheet would normally list:
| Parameter | Description |
|---|---|
| **Inductance** | About 0.25 µH (± 20%) |
| **DC Resistance (DCR)** | Lower is better for efficiency |
| **Rated Current (Irms)** | Current at which temperature rise is acceptable |
| **Saturation Current (Isat)** | Current at which inductance drops significantly |
| **Self-Resonant Frequency (SRF)** | Upper frequency limit for useful inductance |
| **Operating Temperature** | Usually −40 °C to +125 °C for power parts |
---
### How to Confirm the Part
1. **Check the component body** for a full marking or manufacturer logo.
2. **Search the part number** on manufacturer sites or distributors such as Digi-Key, Mouser, or LCSC.
3. **Request the datasheet** from the supplier or your procurement team.
4. **Provide the board or circuit details** (location, voltage, and function) so I can help you interpret it.
---
Let me know if you can share the datasheet or a photo of the marking, and I can explain the specifications in detail.
- ⤷What does the 'M' tolerance code mean on inductors?
- ⤷ How do I check whether an inductor is suitable for my DC-DC converter?
- ⤷ What is the difference between rated current and saturation current?