Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSFL101

  • AI
    The **CSFL101** is a specific electronic component typically categorized as a **Surface Mount (SMD) Fast Recovery Rectifier Diode**. It is designed to convert Alternating Current (AC) to Direct Current (DC) with high efficiency and minimal switching losses. --- ### 1. Key Technical Specifications The electrical characteristics define how the diode performs under stress and high-frequency conditions. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Part Number** | CSFL101 | Silicon Rectifier | | **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 50V | The max voltage it can withstand in reverse. | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 1.0A | The continuous current it can handle. | | **Reverse Recovery Time ($t_{rr}$)** | 150ns | Time taken to stop conducting after polarity switch. | | **Package Type** | DO-214AC (SMA) | Small surface-mount plastic package. | | **Forward Voltage Drop ($V_F$)** | 1.3V | Voltage lost across the diode at 1.0A. | --- ### 2. Major Features * **Fast Switching:** Unlike standard rectifiers (like the 1N4001), the CSFL101 has a much shorter recovery time, making it suitable for high-speed circuits. * **Low Profile:** The SMD package (SMA) is ideal for automated assembly on PCBs where space is limited. * **Glass Passivated Junction:** This construction ensures high reliability and stability under varying temperatures. * **Polarity:** The cathode (negative side) is marked by a color band on the body of the component. --- ### 3. Common Applications Due to its speed and current rating, it is commonly found in: 1. **Switching Mode Power Supplies (SMPS):** Used for rectification in high-frequency power converters. 2. **Inverters:** Managing high-speed switching in DC-to-AC conversion. 3. **Freewheeling Diodes:** Protecting circuits from inductive spikes (voltage kicks) in motor drivers or relays. 4. **Reverse Polarity Protection:** Protecting sensitive DC electronics from battery reversal. --- ### 4. Comparison Table: Fast vs. Standard Rectifiers | Feature | Standard Rectifier (e.g., S1A) | Fast Rectifier (CSFL101) | | :--- | :--- | :--- | | **Recovery Speed** | Slow (>500ns) | Fast (<150ns) | | **Ideal Frequency** | 50Hz - 60Hz | >20kHz | | **Heat Generation** | Higher at high freq | Lower at high freq |
    ✨ Follow-up Questions
    • What is the difference between CSFL101 and CSFL107?
    • How do I identify the cathode on an SMA package?
    • What are the soldering temperature limits for this diode?