Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSHB0421R-R68M

  • AI
    ## Analysis of CSHB0421R-R68M The **CSHB0421R-R68M** is a high-performance **SMD (Surface Mount Device) Power Inductor**. It is typically used in DC-DC converters, power supplies, and voltage regulator modules (VRMs) due to its high efficiency and compact size. ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics. | Parameter | Value | | :--- | :--- | | **Inductance** | 0.68 µH | | **Tolerance** | ±20% (indicated by 'M') | | **DC Resistance (DCR)** | ~7.0 mΩ (Typical) | | **Saturation Current (Isat)** | ~14A - 17A (Depends on temp rise) | | **Operating Temperature** | -40°C to +125°C | | **Material** | Metal Alloy / Magnetic Shielded | | **Case Size** | 0421 (approx. 4.0 x 4.0 x 2.1 mm) | --- ### 2. Key Electronic Components & Construction #### A. Magnetic Core (Metal Alloy) Unlike traditional ferrite inductors, this part uses a **metal alloy powder core**. * **Soft Saturation:** The alloy core provides a "soft" saturation curve, meaning the inductance decreases gradually as current increases, rather than dropping sharply. * **Shielding:** The molded construction provides integral magnetic shielding, reducing Electromagnetic Interference (EMI) with neighboring components. #### B. Winding Wire The internal coil is made of high-quality copper wire. * **Low DCR:** The design focuses on minimizing Direct Current Resistance (DCR) to reduce power loss through heat (I²R loss). * **High Frequency:** It is optimized for high switching frequencies (up to several MHz), making it ideal for modern power management ICs (PMICs). --- ### 3. Application Use Cases This specific inductor is commonly found in: 1. **Smartphones & Tablets:** Used in the power stage for processors where space is limited but current demand is high. 2. **Laptops/PCs:** Part of the VRM circuit for CPU and GPU power delivery. 3. **IoT Devices:** Provides efficient voltage stepping in battery-operated devices. --- ### 4. Part Number Breakdown * **CSHB**: Series name (typically denotes high-current, shielded, alloy type). * **0421**: Physical dimensions (4.0mm length/width, 2.1mm height). * **R68**: Inductance value (R = decimal point; 0.68 microhenries). * **M**: Tolerance code (M = ±20%).
    ✨ Follow-up Questions
    • ⤷What are the specific soldering profile recommendations for this SMD inductor?
    • ⤷ How does the 'soft saturation' of a metal alloy core compare to a ferrite core in circuit design?
    • ⤷ What are the common alternatives or equivalents to the CSHB0421R series?