Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSHB0530R-R33M

  • AI
    The **CSHB0530R-R33M** is a high-performance, surface-mount (SMD) power inductor. It is typically designed for high-current applications where efficiency and low power loss are critical. --- ### 1. Technical Specifications Table | Parameter | Specification | | :--- | :--- | | **Component Type** | Power Inductor (Shielded) | | **Inductance** | 0.33 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size** | 0530 (Approx. 5.0 x 5.0 x 3.0 mm) | | **Saturation Current** | High (Typically 15A - 25A depending on manufacturer) | | **DC Resistance (DCR)** | Ultra-low (Typically 2-5 mΩ) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific physical and electrical properties: * **CSHB**: Series name (typically denotes a High-Current, Shielded, Composite Body inductor). * **0530**: Dimensions. `05` refers to length/width (~5mm) and `30` refers to height (~3.0mm). * **R**: Often denotes the packaging style (Tape & Reel) or a specific core material. * **R33**: The Inductance value. The "R" acts as a decimal point. **R33 = 0.33 µH**. * **M**: Tolerance code. **M = ±20%**. --- ### 3. Key Features & Construction 1. **Magnetic Shielding**: These inductors are usually molded from a metallic magnetic powder (like Carbonyl Iron). This results in a shielded structure that minimizes EMI (Electromagnetic Interference) and prevents the magnetic field from affecting nearby components. 2. **Soft Saturation**: Unlike traditional ferrite inductors, these molded types exhibit "soft saturation" characteristics, meaning the inductance drops gradually as current increases rather than crashing abruptly. 3. **Low DCR**: The internal coil uses thick copper wire, which minimizes heat generation and improves energy efficiency in DC-DC conversion. --- ### 4. Typical Applications The CSHB0530R-R33M is commonly used in the following circuits: * **Voltage Regulator Modules (VRM)**: Used in laptops and desktops to provide stable power to CPUs/GPUs. * **DC-DC Converters**: High-frequency switching power supplies. * **Battery Powered Devices**: Used in tablets or high-end handhelds where space is tight but power demand is high. * **Automotive Electronics**: Infotainment systems and ADAS sensors.
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents or alternatives to the CSHB series from other brands like Vishay or TDK?
    • ⤷ How does the 'soft saturation' feature specifically benefit a switching power supply design?
    • ⤷ What is the maximum current rating (Irms vs Isat) for this specific 0.33uH inductor?