Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSO2

  • AI
    In the context of electronics, **CSO2** typically refers to a specific type of **Crystal Oscillator** or a high-precision clock component used in digital circuits. Below is a detailed breakdown of its electronic characteristics and functions. --- ## 1. What is a CSO2? A **CSO2** (Clock Serial Oscillator / Crystal Standard Oscillator) is an electronic component that uses the mechanical resonance of a vibrating crystal of piezoelectric material to create an electrical signal with a precise frequency. ### Key Specifications | Feature | Typical Description | | :--- | :--- | | **Component Type** | Active Crystal Oscillator | | **Package Type** | SMD (Surface Mount Device) | | **Standard Frequencies** | 12MHz, 24MHz, 25MHz, 50MHz | | **Voltage Range** | Usually 1.8V, 2.5V, or 3.3V | | **Output Type** | CMOS / TTL | --- ## 2. Internal Electronic Structure Unlike a simple 2-pin crystal (passive), a CSO2 is an **active** device. It contains: 1. **Quartz Blank:** The physical crystal that vibrates. 2. **Oscillation IC:** An internal integrated circuit that drives the crystal and maintains the vibration. 3. **Load Capacitors:** Internal capacitors that tune the frequency. 4. **Buffer:** An output stage that ensures the signal is strong enough to drive other components. --- ## 3. Pin Configuration Most CSO2 components follow a standard 4-pin layout: | Pin Number | Name | Function | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Standby) or No Connection | | **2** | GND | Ground / Negative Supply | | **3** | OUT | Clock Signal Output | | **4** | VDD | Power Supply (Positive) | --- ## 4. Applications in Circuit Design CSO2 oscillators are critical for timing in the following systems: * **Microcontrollers (MCUs):** Providing the "heartbeat" for the CPU to execute instructions. * **Communication Modules:** Ensuring stable baud rates for UART, SPI, and I2C. * **Ethernet/Networking:** Precise 25MHz or 50MHz clocks required for PHY chips. * **USB Controllers:** High-speed data synchronization. --- ## 5. Comparison: Crystal vs. CSO2 Oscillator | Feature | Passive Crystal (Resonator) | Active CSO2 Oscillator | | :--- | :--- | :--- | | **Power** | No external power needed | Requires VDD power | | **Circuitry** | Needs external capacitors/inverter | Fully self-contained | | **Stability** | Moderate | High (Temperature compensated) | | **Cost** | Lower | Higher |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a TCXO and a standard CSO2 oscillator?
    • ⤷ How do I select the correct load capacitance for a crystal oscillator circuit?
    • ⤷ What are the common failure modes of SMD oscillators in high-vibration environments?