Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSO2H

  • AI
    The **CSO2H** (often categorized under the **CSO** series of current sensors) is a high-precision, Hall-effect current transducer. It is primarily used for measuring AC, DC, and pulsed currents with galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic control). --- ### 1. Internal Electronic Components The device operates on the **Closed-Loop (Zero Flux)** principle. Below are the core internal components: | Component | Function | | :--- | :--- | | **Magnetic Core** | Concentrates the magnetic field generated by the primary current. | | **Hall Element** | A semiconductor sensor located in the air gap of the core that detects magnetic flux. | | **Operational Amplifier** | Amplifies the small voltage signal from the Hall element to drive the compensation coil. | | **Secondary (Compensation) Coil** | Winds around the core to create an opposing magnetic field that cancels the primary flux. | | **Internal Resistor** | Used to stabilize the output current before it reaches the user-defined burden resistor. | --- ### 2. Key Technical Specifications While specific values can vary slightly by manufacturer (e.g., LEM or ChiChuang), the typical electronic characteristics of the CSO2H series are: * **Primary Nominal Current ($I_{pn}$):** Typically rated for high ranges (e.g., 200A to 2000A depending on the specific model suffix). * **Conversion Ratio:** Common ratios are 1:2000 or 1:5000 (Primary current vs. Secondary output current). * **Supply Voltage ($V_c$):** Usually requires a dual power supply, typically **±15V to ±24V DC**. * **Accuracy:** High linearity, usually **<0.1%** at rated current. * **Response Time:** Extremely fast, often **<1 μs**, making it suitable for high-speed switching protection. --- ### 3. Circuit Interface (Secondary Side) To read the data from a CSO2H, the secondary side is typically wired as follows: | Pin/Terminal | Connection Type | Description | | :--- | :--- | :--- | | **+V** | Positive Supply | Connected to +15V / +24V. | | **-V** | Negative Supply | Connected to -15V / -24V. | | **M / Out** | Measurement | Connected to a **Burden Resistor ($R_m$)** then to Ground. | | **GND / 0V** | Common | The reference point for the power supply. | --- ### 4. Typical Applications * **Variable Speed Drives:** Monitoring motor current for precise torque control. * **UPS Systems:** Managing battery charging and inverter output. * **Welding Power Supplies:** Ensuring stable DC output for high-quality welds. * **Renewable Energy:** Used in solar inverters to monitor grid-tie current injection. --- ### 5. Implementation Example (Calculating Output) If you have a CSO2H with a conversion ratio of **1:2000** measuring a **100A** primary current: ```python # Simple Python calculation for Secondary Current primary_current = 100 # Amps turns_ratio = 2000 secondary_current = primary_current / turns_ratio print(f"Secondary Output: {secondary_current * 1000} mA") # Result: 50 mA ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Open-Loop and Closed-Loop Hall sensors?
    • ⤷ How do I calculate the maximum burden resistor value for the CSO2H?
    • ⤷ Can the CSO2H measure DC current bidirectional?