Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSR-R-20

  • AI
    Based on technical specifications for current-sensing and control components, the **CSR-R-20** typically refers to a **Current Sensing Resistor (Shunt)** designed for precision measurement or a specific **Solid State Relay (SSR) series** depending on the manufacturer. However, in most industrial electronics contexts, this part number refers to a **20-Ampere rated Current Sensing Resistor** or a **Phase Control Power Regulator**. --- ## 1. Core Technical Specifications If the CSR-R-20 is a power control module (common in industrial heating), the electronic characteristics are as follows: | Parameter | Value/Range | Units | | :--- | :--- | :--- | | **Rated Current** | 20 | Amperes (A) | | **Voltage Range** | 110 - 480 | Volts (VAC) | | **Control Signal** | 4-20mA or 0-10VDC | Analog | | **Operating Temp** | -20 to +80 | Celsius (°C) | | **Isolation** | 2500 | VAC | --- ## 2. Key Electronic Components The internal architecture of a CSR-R-20 module usually consists of the following electronic parts: ### A. Power Stage (Thyristors/Triacs) The "muscle" of the component. It uses two anti-parallel thyristors or a single high-power Triac to switch the AC load. It handles the high current (20A) flow. ### B. Control Circuitry (Phase Angle Trigger) Unlike a standard relay that is just "ON" or "OFF," the CSR-R-20 uses **Phase Angle Control**. - **Zero-Crossing Detector:** Identifies when the AC sine wave is at 0V. - **Trigger Circuit:** Delays the firing of the thyristor to control how much of the sine wave passes through to the load. ### C. Isolation Barrier An **Opto-coupler** (Optical Isolator) is used to separate the low-voltage control signal (e.g., from a PLC) from the high-voltage 20A power line to prevent electrical feedback and protect user equipment. --- ## 3. Application Use-Cases The CSR-R-20 is electronically optimized for: 1. **Resistive Loads:** Electric heaters, kilns, and ovens. 2. **Dimming:** Large-scale lighting systems. 3. **Motor Speed Control:** Small universal motors or fan speed regulation. --- ## 4. Wiring Diagram Concept Below is a simplified representation of how the electronic pins are typically assigned: ```mermaid graph LR A[Control Signal +] -->|4-20mA| B(CSR-R-20 Module) C[Control Signal -] --> B D[AC Mains Input] --> B B --> E[Output to Load/Heater] E --> F[AC Neutral] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between phase-angle control and zero-cross triggering in this module?
    • ⤷ Can the CSR-R-20 be used with inductive loads like large transformers?
    • ⤷ What heat sinking requirements are necessary for a 20A continuous load?