Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSS0201

  • AI
    ### Understanding the CSS0201 Electronic Component The term **CSS0201** typically refers to a **Current Sense Surface-mount Resistor** in a **0201 package size**. These components are critical in modern, miniaturized electronics for monitoring current flow and managing power distribution. --- ### 1. Specification Overview The "0201" designation refers to the physical dimensions of the component in imperial units. | Feature | Imperial (0201) | Metric (0603) | | :--- | :--- | :--- | | **Length** | 0.024 inches | 0.60 mm | | **Width** | 0.012 inches | 0.30 mm | | **Height** | ~0.010 inches | ~0.23 mm | --- ### 2. Key Characteristics Current sense resistors (often called shunts) differ from standard resistors in several ways: * **Low Resistance Values:** Usually range from **1mΩ to 1Ω**. This minimizes power loss and voltage drop across the component. * **High Precision:** They typically offer tight tolerances (±1% or ±0.5%) to ensure accurate current measurement. * **Low TCR:** The **Temperature Coefficient of Resistance** is kept low (e.g., ±100ppm/°C) so that resistance doesn't change significantly as the part heats up. * **Metal Foil Technology:** Unlike standard thick-film resistors, CSS parts often use metal foil or metal plate construction to handle higher pulses and improve heat dissipation. --- ### 3. Functional Application In a circuit, the CSS0201 is placed in series with the load. The voltage drop across it is measured by an IC (like a Power Management IC or a Current Sense Amplifier) to calculate current using Ohm's Law ($I = V/R$). #### Common Uses: 1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in smartphones. 2. **Overcurrent Protection:** Detecting short circuits to shut down power. 3. **DC-DC Converters:** Providing feedback for stable voltage regulation. --- ### 4. Technical Comparison | Parameter | Standard 0201 Resistor | CSS0201 (Current Sense) | | :--- | :--- | :--- | | **Primary Material** | Thick Film (Ruthenium Oxide) | Metal Alloy / Metal Foil | | **Resistance Range** | 1Ω to 10MΩ | 0.001Ω to 1Ω | | **Power Rating** | 0.05W | 0.05W to 0.1W (Enhanced) | | **Application** | Pull-up/down, Signal limiting | Power monitoring, Current sensing | --- ### 5. Soldering and PCB Design Due to the microscopic size of the 0201 footprint: * **Pad Design:** Requires precise "Kelvin Sensing" (4-wire) layouts if high accuracy is needed, though 0201 pads are often too small for true 4-wire traces. * **Manufacturing:** Requires high-precision SMT (Surface Mount Technology) placement machines and fine-pitch solder paste stencils.
    ✨ Follow-up Questions
    • ⤷ What are the power rating limitations for a CSS0201 resistor?
    • ⤷ How does Kelvin sensing work with surface-mount resistors?
    • ⤷ Which manufacturers produce high-quality CSS0201 components?