Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • CSS0528P

  • AI
    The **CSS0528P** is a high-performance, surface-mount **Current Sense Resistor**. These components are critical in power management circuits for monitoring current flow by converting current into a measurable voltage drop. --- ## 1. Technical Specifications The part number "0528" refers to its unique physical dimensions, which are designed for high power dissipation in a small footprint. | Parameter | Typical Value / Description | | :--- | :--- | | **Resistance Range** | Often 0.5mΩ to 5mΩ (milli-ohms) | | **Power Rating** | Up to 5W (High Power) | | **Package Size** | 0528 (approx. 1.25mm x 7.0mm) | | **Tolerance** | ±1% or ±5% | | **Technology** | Metal Plate / Metal Element | | **Operating Temp** | -55°C to +170°C | --- ## 2. Key Features * **Wide Terminal Construction:** Unlike standard resistors, the terminals are located on the long sides (long-side termination). This reduces internal inductance and significantly improves heat dissipation. * **Low TCR (Temperature Coefficient of Resistance):** Ensures the resistance stays stable even as the component heats up, providing accurate current readings. * **High Current Handling:** Due to the metal element construction, it can handle high surge currents without failing. * **AEC-Q200 Qualified:** Many versions of this part are rated for automotive use, meaning they are highly resistant to thermal shock and vibration. --- ## 3. Circuit Applications The CSS0528P is primarily used in "Sense" or "Shunt" configurations: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. 2. **DC-DC Converters:** Providing feedback loops for current-mode control. 3. **Motor Control:** Detecting over-current conditions to protect the motor and driver. 4. **Power Inverters:** Used in renewable energy systems (solar/wind) for power monitoring. --- ## 4. Design Considerations When using the CSS0528P in a PCB layout, follow these best practices: * **Kelvin Connection (4-Terminal Sensing):** Even though the part may have two physical pads, the traces for the sensing circuit should be connected separately from the high-current path to avoid measuring the voltage drop of the PCB copper. * **Heat Sinking:** Ensure large copper planes are connected to the pads to act as a heat sink, as these resistors can get very hot during operation. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between long-side termination and short-side termination in resistors?
    • ⤷ How do I calculate the voltage drop for a 1mΩ CSS0528P resistor at 10 Amps?
    • ⤷ Can this resistor be used for AC current sensing or only DC?